Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A16N16MPP Datasheet(PDF) 7 Page - Pentair plc. All rights reserved.

Part # A16N16MPP
Description  Panels and Panel Accessories
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

A16N16MPP Datasheet(HTML) 7 Page - Pentair plc. All rights reserved.

Back Button A16N16MPP Datasheet HTML 3Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 4Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 5Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 6Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 7Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 8Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 9Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 10Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 11Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Panels and Panel accessories Panels for enclosures
Spec-00310 W
Pentair electrical
SUBJECT TO CHANGE WITHOUT NOTICE
accessories
7
Panels For TYPe 3r, 4, 4X, 12 and 13 enclosUres
Steel panels are 11 or 12 gauge, finished with white polyester powder paint or a conductive, corrosion-resistant coating. larger panels
have flanges on two or four sides. Some larger steel panels are 11 gauge and include extra holes for panel lifting. aluminum panels
are 5052-H32 aluminum alloy. larger panels have flanges on four sides. aluminum panels are protected on one side with a plastic film.
Stainless steel panels are type 316 stainless steel. Panel mounting hardware is furnished with all enclosures which accept these panels.
BULLETIN: PNLFS, PNLJ, PNLWM
Catalog Number
Material
Panel Size
D x E (in.)
Panel Size
D x E (mm)
Panel Gauge
or Thickness
Edge
Flanges
T (in.)
T (mm)
Number
of Holes
A12P24
Painted steel
9.00 x 21.00
229 x 533
12 ga.
0
—
—
4
A12P24G
Conductive steel
9.00 x 21.00
229 x 533
12 ga.
0
—
—
4
A16P12
Painted steel
13.00 x 9.00
330 x 229
12 ga.
0
—
—
4
A16P12G
Conductive steel
13.00 x 9.00
330 x 229
12 ga.
0
—
—
4
A16P12SS6
Stainless Steel
13.00 x 9.00
330 x 229
12 ga.
0
—
—
4
A16P12AL
Aluminum
13.00 x 9.00
330 x 229
0.10 in./3 mm
0
—
—
4
A16P16
Painted steel
13.00 x 13.00
330 x 330
12 ga.
0
—
—
4
A16P16G
Conductive steel
13.00 x 13.00
330 x 330
12 ga.
0
—
—
4
A16P16SS6
Stainless Steel
13.00 x 13.00
330 x 330
12 ga.
0
—
—
4
A16P16AL
Aluminum
13.00 x 13.00
330 x 330
0.10 in./3 mm
0
—
—
4
A18P18
Painted steel
15.00 x 15.00
381 x 381
12 ga.
0
—
—
4
A18P18G
Conductive steel
15.00 x 15.00
381 x 381
12 ga.
0
—
—
4
A20P12
Painted steel
17.00 x 9.00
432 x 229
12 ga.
0
—
—
4
A20P12G
Conductive steel
17.00 x 9.00
432 x 229
12 ga.
0
—
—
4
A20P16
Painted steel
17.00 x 13.00
432 x 330
12 ga.
0
—
—
4
A20P16G
Conductive steel
17.00 x 13.00
432 x 330
12 ga.
0
—
—
4
A20P16SS6
Stainless Steel
17.00 x 13.00
432 x 330
12 ga.
0
—
—
4
A20P16AL
Aluminum
17.00 x 13.00
432 x 330
0.10 in./3 mm
0
—
—
4
A20P20
Painted steel
17.00 x 17.00
432 x 432
12 ga.
0
—
—
4
A20P20G
Conductive steel
17.00 x 17.00
432 x 432
12 ga.
0
—
—
4
A20P20SS6
Stainless steel
17.00 x 17.00
432 x 432
12 ga.
0
—
—
4
A20P20AL
Aluminum
17.00 x 17.00
432 x 432
0.10 in./3 mm
0
—
—
4
A24P16
Painted steel
21.00 x 13.00
533 x 330
12 ga.
0
—
—
4
A24P16G
Conductive steel
21.00 x 13.00
533 x 330
12 ga.
0
—
—
4
A24P16SS6
Stainless Steel
21.00 x 13.00
533 x 330
12 ga.
0
—
—
4
A24P20
Painted steel
21.00 x 17.00
533 x 432
12 ga.
2
0.75
19
4
A24P20G
Conductive steel
21.00 x 17.00
533 x 432
12 ga.
2
0.75
19
4
A24P20SS6
Stainless Steel
21.00 x 17.00
533 x 432
12 ga.
2
0.75
19
4
A24P20AL
Aluminum
21.00 x 17.00
533 x 432
0.10 in./3 mm
4
0.75
19
4
A24P24
Painted steel
21.00 x 21.00
533 x 533
12 ga.
2
0.75
19
4
A24P24G
Conductive steel
21.00 x 21.00
533 x 533
12 ga.
2
0.75
19
4
A24P24SS6
Stainless Steel
21.00 x 21.00
533 x 533
12 ga.
2
0.75
19
4
A24P24AL
Aluminum
21.00 x 21.00
533 x 533
0.10 in./3 mm
2
0.75
19
4
A30P16
Painted steel
27.00 x 13.00
686 x 330
12 ga.
2
0.75
19
4
A30P16G
Conductive steel
33.00 x 27.00
838 x 686
12 ga.
2
0.75
19
4
A30P20
Painted steel
27.00 x 17.00
686 x 432
12 ga.
2
0.75
19
4
A30P20G
Conductive steel
27.00 x 17.00
686 x 432
12 ga.
2
0.75
19
4
A30P20SS6
Stainless Steel
27.00 x 17.00
686 x 432
12 ga.
2
0.75
19
4
A30P24
Painted steel
27.00 x 21.00
686 x 533
12 ga.
2
0.75
19
4
A30P24G
Conductive steel
27.00 x 21.00
686 x 533
12 ga.
2
0.75
19
4
A30P24SS6
Stainless Steel
27.00 x 21.00
686 x 533
12 ga.
2
0.75
19
4
A30P24AL
Aluminum
27.00 x 21.00
686 x 533
0.10 in./3 mm
2
0.75
19
4
A30P30
Painted steel
27.00 x 27.00
686 x 686
12 ga.
4
0.75
19
4
A30P30G
Conductive steel
27.00 x 27.00
686 x 686
12 ga.
4
0.75
19
4
A30P30SS6
Stainless Steel
27.00 x 27.00
686 x 686
12 ga.
4
0.75
19
4
A36P16
Painted steel
33.00 X 13.00
838 X 330
12 ga.
2
0.75
19
4
A36P16G
Conductive steel
33.00 x 13.00
838 x 330
12 ga.
2
0.75
19
4
A36P24
Painted steel
33.00 x 21.00
838 x 533
12 ga.
2
0.75
19
6
A36P24G
Conductive steel
33.00 x 21.00
838 x 533
12 ga.
2
0.75
19
6
A36P24SS6
Stainless Steel
33.00 x 21.00
838 x 533
12 ga.
2
0.75
19
6
A36P24AL
Aluminum
33.00 x 21.00
838 x 533
0.10 in./3 mm
2
0.75
19
6
A36P30
Painted steel
33.00 x 27.00
838 x 686
12 ga.
4
0.75
19
6
A36P30G
Conductive steel
33.00 x 27.00
838 x 686
12 ga.
4
0.75
19
6
A36P30SS6
Stainless Steel
33.00 x 27.00
838 x 686
12 ga.
4
0.75
19
6
A36P30AL
Aluminum
33.00 x 27.00
838 x 686
0.10 in./3 mm
4
0.75
19
6
A36P36
Painted steel
33.00 x 33.00
838 x 838
12 ga.
4
0.75
19
8
A36P36G
Conductive steel
33.00 x 33.00
838 x 838
12 ga.
4
0.75
19
8
A36P36SS6
Stainless Steel
33.00 x 33.00
838 x 838
12 ga.
4
0.75
19
8
A40P24
Painted steel
37.00 x 21.00
940 x 533
12 ga.
4
0.75
19
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com