Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A16N16MPP Datasheet(PDF) 5 Page - Pentair plc. All rights reserved.

Part # A16N16MPP
Description  Panels and Panel Accessories
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

A16N16MPP Datasheet(HTML) 5 Page - Pentair plc. All rights reserved.

  A16N16MPP Datasheet HTML 1Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 2Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 3Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 4Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 5Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 6Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 7Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 8Page - Pentair plc. All rights reserved. A16N16MPP Datasheet HTML 9Page - Pentair plc. All rights reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Panels and Panel accessories Panels for enclosures
Spec-00310 W
Pentair electrical
SUBJECT TO CHANGE WITHOUT NOTICE
accessories
5
JUncTion BoX and Wall-MoUnT enclosUre
sWinG-oUT Panel KiT
Kits allow mounting standard Hoffman junction box and nema
style panels (purchase separately) near the front of the enclosure
for easy access to or reading of gauges, switches, pilot lights and
other components. Kits consist of heavy-gauge brackets and hinges
which are easily installed by drilling small holes in the sides of the
enclosure and bolting the brackets in place. external screws are
stainless steel; internal components are plated steel. all mounting
hardware and instructions are provided. Sealing washers ensure
the enclosure will meet original Jic or nema standards after
installation.
Swing-out Panel Kits do not fit single-door disconnect enclosures.
BULLETIN: A80
Catalog Number
Description
Maximum
Load (lb.)
Maximum
Load (kg)
Use In
AJCDFK
Junction Box Kit
25
11.3
- Junction boxes where A x B is 8.00 x 6.00 in. (203 x 152 mm) or larger
- HCLO Type 3R enclosures where A x B is 16.00 x 12.00 in. (406 x 305 mm) or smaller
ANADFK
Wall-Mount Enclosure Kit
100
45.4
- One-door Type 4, 4X, 12 and 13 enclosures where A x B is 12.00 x 12.00 in. (305 x 305 mm) or larger
- HCLO Type 3R enclosures where A x B is 16.00 x 16.00 in. (406 x 406 mm) or larger
- HCR Type 3R enclosures where A x B is 16.00 x 12.00 (406 x 305 mm) or larger
- Type 1 enclosures where A x B is 42.00 x 30.00 in. (1067 x 762 mm) or larger
Both kits maintain UL Type 4 and Type 4X rating when properly installed in a Hoffman enclosure.
Maximum load includes the weight of the panel plus the weight of the components, with the weight of the components spread evenly over the panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com