Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3301 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 4Page - Texas Instruments AMC3301 Datasheet HTML 5Page - Texas Instruments AMC3301 Datasheet HTML 6Page - Texas Instruments AMC3301 Datasheet HTML 7Page - Texas Instruments AMC3301 Datasheet HTML 8Page - Texas Instruments AMC3301 Datasheet HTML 9Page - Texas Instruments AMC3301 Datasheet HTML 10Page - Texas Instruments AMC3301 Datasheet HTML 11Page - Texas Instruments AMC3301 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD = 3.0 V to 5.5 V, INP = –250 mV
to +250 mV, INN = HGND = 0 V, and the external components listed in the Typical Application section; typical
specifications are at TA = 25°C, and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
Nominal gain
8.2
VCMout
Common-mode output voltage
1.39
1.44
1.49
V
VCLIPout
Clipping differential output voltage
VOUT = (VOUTP-VOUTN); |VIN| = |VINP-VINN|
> VClipping
±2.49
V
VFailsafe
Failsafe differential output voltage
VOUT = (VOUTP-VOUTN); VDCDCout
VDCDCUV, or VHLDOout ≤ VHLDOUV
–2.57
-2.5
V
BWOUT
Output bandwidth
250
334
kHz
ROUT
Output resistance
On OUTP or OUTN
0.2
Ω
Output short-circuit current
On OUTP or OUTN, sourcing or sinking,
INP = INN = HGND, outputs shorted to
either GND or VDD
14
mA
CMTI
Common-mode transient immunity
|HGND – GND| = 2 kV
85
135
kV/µs
ACCURACY
EG
Gain error (1)
TA = 25°C
–0.2%
±0.04%
0.2%
TCEG
Gain error drift (1)
–40
±6
40 ppm/°C
VOS
Input offset voltage (1)
TA = 25°C, INP = INN = HGND
–0.15
±0.02
0.15
mV
TCVOS
Input offset drift (1)
–1
±0.15
1
uV/°C
Nonlinearity (1)
–0.04% ±0.002%
0.04%
Nonlinearity drift (1)
0.9
ppm/°C
SNR
Signal-to-noise ratio
VIN = 0.5 VPP, fIN = 1 kHz, BW = 10 kHz,
10 kHz filter
80
85
dB
VIN = 0.5 VPP, fIN = 10 kHz,
BW = 100 kHz, 1 MHz filter
67
71
THD
Total harmonic distortion
VIN = 0.5 Vpp, fIN = 10 kHz,
BW = 100 kHz
–85
dB
Output noise
INP = INN = HGND, fIN = 0 Hz,
BW = 100 kHz
300
µVRMS
CMRR
Common-mode rejection ratio
fIN = 0 Hz, VCM min ≤ VCM ≤ VCM max
–97
dB
fIN = 10 kHz, VCM min ≤ VCM ≤ VCM max
–98
PSRR
Power-supply rejection ratio
VDD from 3.0 V to 5.5 V, at dc, input
referred
–109
dB
INP = INN = HGND, VDD from 3.0 V to
5.5 V, 10 kHz / 100 mV ripple, input
referred
–98
AMC3301-Q1
SBASA73 – JULY 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3301-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com