Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3301 Datasheet(HTML) 12 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 8Page - Texas Instruments AMC3301 Datasheet HTML 9Page - Texas Instruments AMC3301 Datasheet HTML 10Page - Texas Instruments AMC3301 Datasheet HTML 11Page - Texas Instruments AMC3301 Datasheet HTML 12Page - Texas Instruments AMC3301 Datasheet HTML 13Page - Texas Instruments AMC3301 Datasheet HTML 14Page - Texas Instruments AMC3301 Datasheet HTML 15Page - Texas Instruments AMC3301 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
VCM (V)
-0.5
-0.25
0
0.25
0.5
0.75
1
1.25
-35
-30
-25
-20
-15
-10
D003
Figure 6-11. Input Bias Current vs Common-Mode
Input Voltage
VDD (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
-41
-39
-37
-35
-33
-31
-29
-27
-25
-23
D004
Figure 6-12. Input Bias Current vs Supply Voltage
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
-41
-39
-37
-35
-33
-31
-29
-27
-25
-23
D005
Figure 6-13. Input Bias Current vs Temperature
fIN (kHz)
1
2
3 4 5 67 10
20 30 50 70100
200
500 1000
-40
-35
-30
-25
-20
-15
-10
-5
0
5
D007
Figure 6-14. Normalized Gain vs Input Frequency
fIN (kHz)
1
2
3 4 5 67 10
20 30 50 70100
200
500 1000
-360°
-315°
-270°
-225°
-180°
-135°
-90°
-45°
D008
Figure 6-15. Output Phase vs Input Frequency
EG (%)
0
10
20
30
40
50
D018
VDD1 = 3.3 V
Figure 6-16. Gain Error Histogram
AMC3301-Q1
SBASA73 – JULY 2020
www.ti.com
12
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3301-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com