Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3301 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 19Page - Texas Instruments AMC3301 Datasheet HTML 20Page - Texas Instruments AMC3301 Datasheet HTML 21Page - Texas Instruments AMC3301 Datasheet HTML 22Page - Texas Instruments AMC3301 Datasheet HTML 23Page - Texas Instruments AMC3301 Datasheet HTML 24Page - Texas Instruments AMC3301 Datasheet HTML 25Page - Texas Instruments AMC3301 Datasheet HTML 26Page - Texas Instruments AMC3301 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
8.2 Typical Application
Isolated amplifiers are widely used for shunt-based current measurements in high-voltage applications that must
be isolated from a low-voltage domain. Typical applications are phase current measurements in traction
inverters, or DC current measurements at the output of a power factor correction (PFC) stage or DC/DC
converter in an on-board charger (OBC). The AMC3301-Q1 integrates an isolated power supply for the high-
voltage side and therefore is particularly easy to use in applications that do not have a high-side supply readily
available or where a high-side supply is referenced to a different ground potential than the signal to be
measured.
Figure 8-1 shows a simplified schematic using the AMC3301-Q1 to measure the output current of a PFC stage
of an OBC. At this location in the system, there is no supply readily available for powering the high-side of the
isolated amplifier. The integrated isolated power supply solves this problem and, together with its bipolar input
voltage range, makes the AMC3301-Q1 ideally suited for bidirectional current sensing. In this example, the AC
line-voltage is sensed by the AMC3330-Q1 on the grid-side where there is also no suitable supply available for
powering the high-side of the isolated amplifier. The integrated power supply, high input impedance, and bipolar
input voltage range of the AMC3330-Q1 makes the device ideally suited for AC voltage sensing applications.
to MCU
Analog
Filter
to MCU
Analog
Filter
N
RDC2
RDC1
L1
L2
L3
RDC3
PFC
RSHUNT,DC
To Battery Management System
RSHUNT,BUS
DC-Link
VBUS
+
DC/DC
VBUS
±
RBUS2
RBUS1
RBUS3
RL11
RL1SNS
N
RL12
N
N
1 µF
100 nF
1 nF
1 nF
100 nF
10 Ÿ
10 Ÿ
8.2 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3330-Q1
1 µF
1 nF
100 nF
47 NŸ
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to uC (optional)
GND
1 µF
100 nF
1 nF
1 nF
100 nF
10 Ÿ
10 Ÿ
8.2 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3301-Q1
1 µF
1 nF
100 nF
47 NŸ
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to uC (optional)
GND
1 µF
100 nF
1 nF
1 nF
100 nF
10 Ÿ
10 Ÿ
8.2 nF
DCDC_OUT
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
INP
INN
NC
AMC3330-Q1
1 µF
1 nF
100 nF
47 NŸ
DCDC_IN
LDO_OUT
VDD
OUTP
OUTN
GND
DIAG
DCDC_GND
3.3 V / 5 V supply
to uC (optional)
GND
N
to MCU
Analog
Filter
Figure 8-1. The AMC3301-Q1 in in an OBC Application
www.ti.com
AMC3301-Q1
SBASA73 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: AMC3301-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com