Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3301 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 7Page - Texas Instruments AMC3301 Datasheet HTML 8Page - Texas Instruments AMC3301 Datasheet HTML 9Page - Texas Instruments AMC3301 Datasheet HTML 10Page - Texas Instruments AMC3301 Datasheet HTML 11Page - Texas Instruments AMC3301 Datasheet HTML 12Page - Texas Instruments AMC3301 Datasheet HTML 13Page - Texas Instruments AMC3301 Datasheet HTML 14Page - Texas Instruments AMC3301 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
6.13 Typical Characteristics
at VDD = 3.3 V, INP = –250 mV to 250 mV, INN = HGND = 0 V, and fIN = 10 kHz (unless otherwise noted)
VOS (PV)
0
10
20
30
40
50
D023
Figure 6-5. Input Offset Voltage Histogram
VDD (V)
3
3.25
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
-100
-75
-50
-25
0
25
50
75
100
D027
Figure 6-6. Input Offset Voltage vs Supply Voltage
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
-100
-75
-50
-25
0
25
50
75
100
D026
Device 1
Device 2
Device 3
Figure 6-7. Input Offset Voltage vs Temperature
TCVOS (PV/qC)
0
10
20
30
40
50
60
70
80
90
D024
VDD1 = 3.3 V
Figure 6-8. Input Offset Drift Histogram
fIN (kHz)
0.001
0.01
0.1
0.5
2 3 5 10 20
100
1000
-120
-100
-80
-60
-40
-20
0
D038
Figure 6-9. Common-Mode Rejection Ratio vs Input
Frequency
Temperature (°C)
-55 -40 -25 -10
5
20
35
50
65
80
95 110 125
-110
-105
-100
-95
-90
-85
-80
-75
-70
D039
Figure 6-10. Common-Mode Rejection Ratio vs
Temperature
www.ti.com
AMC3301-Q1
SBASA73 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: AMC3301-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com