Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3301 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 14Page - Texas Instruments AMC3301 Datasheet HTML 15Page - Texas Instruments AMC3301 Datasheet HTML 16Page - Texas Instruments AMC3301 Datasheet HTML 17Page - Texas Instruments AMC3301 Datasheet HTML 18Page - Texas Instruments AMC3301 Datasheet HTML 19Page - Texas Instruments AMC3301 Datasheet HTML 20Page - Texas Instruments AMC3301 Datasheet HTML 21Page - Texas Instruments AMC3301 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
7 Detailed Description
7.1 Overview
The AMC3301-Q1 is a fully differential, precision, isolated amplifier with a fully integrated DC/DC converter that
can supply the device from a single 3.3-V or 5-V voltage supply on the low-side. The input stage of the device
consists of a fully differential amplifier that drives a second-order, delta-sigma (ΔΣ) modulator. The modulator
uses an internal voltage reference and clock generator to convert the analog input signal to a digital bitstream.
The drivers (termed TX in Section 7.2) transfer the output of the modulator across the isolation barrier that
separates the high-side and low-side voltage domains. As shown in Section 7.2, the received bitstream and
clock are synchronized and processed by a fourth-order analog filter on the low-side and presented as a
differential output of the device
The signal path is isolated by a double capacitive silicon dioxide (SiO2) insuation barrier, whereas power
isolation uses an on-chip transformer separated by a thin-film polymer as the insulating material.
7.2 Functional Block Diagram
Retiming and
4
th-Order
Active
Low-Pass
Filter
Isolation
Barrier
AMC3301-Q1
RX
GND
û Modulator
VDD
Resonator and
Driver
LDO
Rectifier
TX
HGND
LDO_OUT
DCDC_IN
DCDC_GND
TX
RX
Diagnostics
DIAG
Oscillator
OUTP
OUTN
Bandgap
Reference
LDO
HLDO_OUT
DCDC_OUT
DCDC_HGND
HLDO_IN
INP
INN
7.3 Feature Description
7.3.1 Analog Input
The differential amplifier input stage of the AMC3301-Q1 feeds a second-order, switched-capacitor, feed-forward
ΔΣ modulator. The gain of the differential amplifier is set by internal precision resistors to a factor of 4 with a
differential input impedance of 22 kΩ. The modulator converts the analog signal into a bitstream that is
transferred over the isolation barrier, as described in Section 7.3.2.
There are two restrictions on the analog input signals (INP and INN). First, if the input voltage exceeds the range
HGND – 6 V to HLDO_OUT + 0.5 V, the input current must be limited to 10 mA because the device input
electrostatic discharge (ESD) diodes turns on. In addition, the linearity and noise performance of the device are
ensured only when the analog input voltage remains within the specified linear full-scale range (FSR) and within
the specified common-mode input voltage range.
AMC3301-Q1
SBASA73 – JULY 2020
www.ti.com
18
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: AMC3301-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com