Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC3301 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 17Page - Texas Instruments AMC3301 Datasheet HTML 18Page - Texas Instruments AMC3301 Datasheet HTML 19Page - Texas Instruments AMC3301 Datasheet HTML 20Page - Texas Instruments AMC3301 Datasheet HTML 21Page - Texas Instruments AMC3301 Datasheet HTML 22Page - Texas Instruments AMC3301 Datasheet HTML 23Page - Texas Instruments AMC3301 Datasheet HTML 24Page - Texas Instruments AMC3301 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
-2.567 V
VOUTN
VOUTP
Figure 7-5. Typical Failsafe Output of the AMC3301-Q1
7.3.4 Isolated DC/DC Converter
The AMC3301-Q1 offers a fully integrated isolated DC/DC converter stage that includes following components
illustrated in Section 7.2:
• Low-dropout regulator (LDO) on the primary side to stabilize the supply voltage VDD that drives the primary
side of the converter
• Primary full-bridge inverter and drivers
• Laminate-based, air-core transformer for high immunity to magnetic fields
• Secondary full-bridge rectifier
• Secondary LDO to stabilize the output voltage of the DC/DC converter for high analog performance of the
signal path
The DC/DC converter uses a spread-spectrum clock generation technique to reduce the spectral density of the
electromagnetic radiation. The resonator frequency is synchronized to the operation of the ΔΣ modulator to
minimize the interference with data transmission and support the high analog performance of the device.
The architecture of the DC/DC converter is optimized to drive the high-side circuitry of the AMC3301-Q1 and can
source up to IH of additional DC current for an optional auxiliary circuit such as an active filter, pre-amplifier or
comparator. IH is specified in the Electrical Characteristics table in Section 6 as a DC, non-switching current.
7.3.5 Diagnostic Output
The open-drain DIAG pin can be monitored to confirm the device is operational, and the output voltage is valid.
During power-up, the DIAG pin is actively held low until the high-side supply is in regulation and the device
operates properly. During normal operation the DIAG pin is in high-impedance (HiZ) state and pulled high
through an external pull-up resistor. The DIAG pin is actively pulled low if:
• The low-side does not receive data from the high-side (for example, because of a loss of power on the high-
side). The amplifier outputs are driven to negative full-scale.
• The high-side DC/DC output voltage (DCDC_OUT) or the high-side LDO output voltage (HLDO_OUT) drop
below their respective undervoltage detection thresholds (brown-out). In this case, the low-side may still
receive data from the high-side but the data may not be valid. The amplifier outputs are driven to negative
full-scale.
During normal operation, the DIAG pin is in a high-impedance state. Connect the DIAG pin to a pullup supply
through a resistor or leave open if not used.
www.ti.com
AMC3301-Q1
SBASA73 – JULY 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: AMC3301-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com