Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L15 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS47L15
Description  Smart Codec with Low-Power Audio DSP
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L15 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS47L15 Datasheet HTML 36Page - Cirrus Logic CS47L15 Datasheet HTML 37Page - Cirrus Logic CS47L15 Datasheet HTML 38Page - Cirrus Logic CS47L15 Datasheet HTML 39Page - Cirrus Logic CS47L15 Datasheet HTML 40Page - Cirrus Logic CS47L15 Datasheet HTML 41Page - Cirrus Logic CS47L15 Datasheet HTML 42Page - Cirrus Logic CS47L15 Datasheet HTML 43Page - Cirrus Logic CS47L15 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 279 page
background image
40
DS1137F2
CS47L15
4.2 Input Signal Path
Table 4-7. Input Signal Path Digital Volume Range
Input Volume
Register
Volume (dB)
Input Volume
Register
Volume (dB)
Input Volume
Register
Volume (dB)
Input Volume
Register
Volume (dB)
0x00
–64.0
0x31
–39.5
0x62
–15.0
0x93
9.5
0x01
–63.5
0x32
–39.0
0x63
–14.5
0x94
10.0
0x02
–63.0
0x33
–38.5
0x64
–14.0
0x95
10.5
0x03
–62.5
0x34
–38.0
0x65
–13.5
0x96
11.0
0x04
–62.0
0x35
–37.5
0x66
–13.0
0x97
11.5
0x05
–61.5
0x36
–37.0
0x67
–12.5
0x98
12.0
0x06
–61.0
0x37
–36.5
0x68
–12.0
0x99
12.5
0x07
–60.5
0x38
–36.0
0x69
–11.5
0x9A
13.0
0x08
–60.0
0x39
–35.5
0x6A
–11.0
0x9B
13.5
0x09
–59.5
0x3A
–35.0
0x6B
–10.5
0x9C
14.0
0x0A
–59.0
0x3B
–34.5
0x6C
–10.0
0x9D
14.5
0x0B
–58.5
0x3C
–34.0
0x6D
–9.5
0x9E
15.0
0x0C
–58.0
0x3D
–33.5
0x6E
–9.0
0x9F
15.5
0x0D
–57.5
0x3E
–33.0
0x6F
–8.5
0xA0
16.0
0x0E
–57.0
0x3F
–32.5
0x70
–8.0
0xA1
16.5
0x0F
–56.5
0x40
–32.0
0x71
–7.5
0xA2
17.0
0x10
–56.0
0x41
–31.5
0x72
–7.0
0xA3
17.5
0x11
–55.5
0x42
–31.0
0x73
–6.5
0xA4
18.0
0x12
–55.0
0x43
–30.5
0x74
–6.0
0xA5
18.5
0x13
–54.5
0x44
–30.0
0x75
–5.5
0xA6
19.0
0x14
–54.0
0x45
–29.5
0x76
–5.0
0xA7
19.5
0x15
–53.5
0x46
–29.0
0x77
–4.5
0xA8
20.0
0x16
–53.0
0x47
–28.5
0x78
–4.0
0xA9
20.5
0x17
–52.5
0x48
–28.0
0x79
–3.5
0xAA
21.0
0x18
–52.0
0x49
–27.5
0x7A
–3.0
0xAB
21.5
0x19
–51.5
0x4A
–27.0
0x7B
–2.5
0xAC
22.0
0x1A
–51.0
0x4B
–26.5
0x7C
–2.0
0xAD
22.5
0x1B
–50.5
0x4C
–26.0
0x7D
–1.5
0xAE
23.0
0x1C
–50.0
0x4D
–25.5
0x7E
–1.0
0xAF
23.5
0x1D
–49.5
0x4E
–25.0
0x7F
–0.5
0xB0
24.0
0x1E
–49.0
0x4F
–24.5
0x80
0.0
0xB1
24.5
0x1F
–48.5
0x50
–24.0
0x81
0.5
0xB2
25.0
0x20
–48.0
0x51
–23.5
0x82
1.0
0xB3
25.5
0x21
–47.5
0x52
–23.0
0x83
1.5
0xB4
26.0
0x22
–47.0
0x53
–22.5
0x84
2.0
0xB5
26.5
0x23
–46.5
0x54
–22.0
0x85
2.5
0xB6
27.0
0x24
–46.0
0x55
–21.5
0x86
3.0
0xB7
27.5
0x25
–45.5
0x56
–21.0
0x87
3.5
0xB8
28.0
0x26
–45.0
0x57
–20.5
0x88
4.0
0xB9
28.5
0x27
–44.5
0x58
–20.0
0x89
4.5
0xBA
29.0
0x28
–44.0
0x59
–19.5
0x8A
5.0
0xBB
29.5
0x29
–43.5
0x5A
–19.0
0x8B
5.5
0xBC
30.0
0x2A
–43.0
0x5B
–18.5
0x8C
6.0
0xBD
30.5
0x2B
–42.5
0x5C
–18.0
0x8D
6.5
0xBE
31.0
0x2C
–42.0
0x5D
–17.5
0x8E
7.0
0xBF
31.5
0x2D
–41.5
0x5E
–17.0
0x8F
7.5
0xC0–0xFF
Reserved
0x2E
–41.0
0x5F
–16.5
0x90
8.0
0x2F
–40.5
0x60
–16.0
0x91
8.5
0x30
–40.0
0x61
–15.5
0x92
9.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com