Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L15 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS47L15
Description  Smart Codec with Low-Power Audio DSP
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L15 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS47L15 Datasheet HTML 9Page - Cirrus Logic CS47L15 Datasheet HTML 10Page - Cirrus Logic CS47L15 Datasheet HTML 11Page - Cirrus Logic CS47L15 Datasheet HTML 12Page - Cirrus Logic CS47L15 Datasheet HTML 13Page - Cirrus Logic CS47L15 Datasheet HTML 14Page - Cirrus Logic CS47L15 Datasheet HTML 15Page - Cirrus Logic CS47L15 Datasheet HTML 16Page - Cirrus Logic CS47L15 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 279 page
background image
13
DS1137F2
CS47L15
3 Characteristics and Specifications
DAC to headphone output
(HPOUTL, HPOUTR;
RL =32 )
Maximum output power
0.1% THD+N —
30
—
mW
SNR, defined in Table 3-1
A-weighted, output signal = 1 VRMS —
127
—
dB
Dynamic range, defined in Table 3-1
A-weighted, –60 dBFS input 105 115
—
dB
THD, defined in Table 3-1
PO = 25 mW —
–94
—
dB
THD+N, defined in Table 3-1
PO = 25 mW —
–92
—
dB
THD, defined in Table 3-1
PO = 20 mW —
–92
—
dB
THD+N, defined in Table 3-1
PO = 20 mW —
–90 –85
dB
THD, defined in Table 3-1
PO = 2 mW —
–92
—
dB
THD+N, defined in Table 3-1
PO = 2 mW —
–90
—
dB
Channel separation (L/R), defined in Table 3-1
100 Hz to 10 kHz —
102
—
dB
Output noise floor
A-weighted —
0.45
—
VRMS
PSRR (DBVDD, CPVDD, AVDD),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
124
80
—
—
dB
dB
PSRR (MICVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
124
110
—
—
dB
dB
PSRR (DCVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
126
90
—
—
dB
dB
PSRR (SPKVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
110
100
—
—
dB
dB
DAC to headphone output
(HPOUTL, HPOUTR;
RL =16 )
Maximum output power
0.1% THD+N —
40
—
mW
SNR, defined in Table 3-1
A-weighted, output signal = 1 VRMS —
127
—
dB
Dynamic range, defined in Table 3-1
A-weighted, –60 dBFS input 105 114
—
dB
THD, defined in Table 3-1
PO = 25 mW —
–90
—
dB
THD+N, defined in Table 3-1
PO = 25 mW —
–88
—
dB
THD, defined in Table 3-1
PO = 20 mW —
–90
—
dB
THD+N, defined in Table 3-1
PO = 20 mW —
–88 –80
dB
THD, defined in Table 3-1
PO = 2 mW —
–88
—
dB
THD+N, defined in Table 3-1
PO = 2 mW —
–86
—
dB
Channel separation (L/R), defined in Table 3-1
100 Hz to 10 kHz —
100
—
dB
Output noise floor
A-weighted —
0.45
—
VRMS
PSRR (DBVDD, CPVDD, AVDD),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
124
80
—
—
dB
dB
PSRR (MICVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
124
110
—
—
dB
dB
PSRR (DCVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
126
90
—
—
dB
dB
PSRR (SPKVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
110
100
—
—
dB
dB
DAC to earpiece output
(EPOUTP+EPOUTN,
RL =32  BTL)
Maximum output power
0.1% THD+N —
96
—
mW
SNR, defined in Table 3-1
A-weighted, output signal = 1.41 VRMS —
128
—
dB
Dynamic range, defined in Table 3-1
A-weighted, –60 dBFS input 105 118
—
dB
THD, defined in Table 3-1
PO = 75 mW —
–92
—
dB
THD+N, defined in Table 3-1
PO = 75 mW —
–88
—
dB
THD, defined in Table 3-1
PO = 5 mW —
–88
—
dB
THD+N, defined in Table 3-1
PO = 5 mW —
–86
—
dB
Output noise floor
A-weighted —
0.60
—
VRMS
PSRR (DBVDD, CPVDD, AVDD),
defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
85
85
—
—
dB
dB
PSRR (MICVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
124
110
—
—
dB
dB
PSRR (DCVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
126
86
—
—
dB
dB
PSRR (SPKVDD), defined in Table 3-1
100 mV (peak-peak) 217 Hz
100 mV (peak-peak) 10 kHz
—
—
110
105
—
—
dB
dB
Table 3-9. Input/Output Path Characteristics (Cont.)
Test conditions (unless specified otherwise): DBVDD = CPVDD = AVDD = 1.8 V, DCVDD = 1.2 V; MICVDD = 2.5 V; SPKVDD = 4.2 V; TA = +25ºC;
1 kHz sinusoid signal; Fs = 48 kHz; PGA gain = 0 dB, 24-bit audio data.
Parameter
Min Typ Max Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com