Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L15 Datasheet(PDF) 82 Page - Cirrus Logic

Part # CS47L15
Description  Smart Codec with Low-Power Audio DSP
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L15 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button CS47L15 Datasheet HTML 78Page - Cirrus Logic CS47L15 Datasheet HTML 79Page - Cirrus Logic CS47L15 Datasheet HTML 80Page - Cirrus Logic CS47L15 Datasheet HTML 81Page - Cirrus Logic CS47L15 Datasheet HTML 82Page - Cirrus Logic CS47L15 Datasheet HTML 83Page - Cirrus Logic CS47L15 Datasheet HTML 84Page - Cirrus Logic CS47L15 Datasheet HTML 85Page - Cirrus Logic CS47L15 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 279 page
background image
82
DS1137F2
CS47L15
4.4 DSP Firmware Control
4.4.3.2 DSP Clocking
Clocking is required for the DSP processing block, when executing software or when supporting DMA functions. (Note that
clocking is not required for access to the firmware registers by the host processor.)
Clocking within the DSP is enabled and disabled automatically, as required by the DSP core and DMA channel status.
In normal operating conditions, the clock source for the DSP is derived from DSPCLK. See Section 4.13 for details of how
to configure DSPCLK. See Section 4.4.3.4 for supported clocking configurations when DSPCLK is not enabled.
The clock frequency for the DSP is selected using DSP1_CLK_FREQ_SEL. The DSP clock frequency must be less than
or equal to the DSPCLK frequency.
The DSP1_CLK_FREQ_STS field indicates the clock frequency for the DSP core. This can be used to confirm the clock
frequency, in cases where code execution has a minimum clock frequency requirement. The DSP1_CLK_FREQ_STS
field is only valid when the core is running code; typical usage of this field would be for the DSP core itself to read the clock
status and to take action as applicable, in particular, if the available clock does not meet the application requirements.
Note that, depending on the DSPCLK frequency and the available clock dividers, the DSP1 clock frequency may differ
from the selected clock. In most cases, the DSP1 clock frequency equals or exceeds the requested frequency. A lower
frequency is implemented if limited by either the DSPCLK frequency or the maximum DSP1 clocking frequency.
The DSPCLK configuration provides input to the interrupt control circuit and can be used to trigger an interrupt event when
the DSP1 clock frequency is less than the requested frequency; see Section 4.12.
4.4.3.3 DSP Code Execution
After the DSP firmware has been loaded, and the clocks configured, the DSP block is enabled by setting DSP1_CORE_
ENA. When the DSP is configured and enabled, the firmware execution can be started by writing 1 to DSP1_START.
Alternative methods to trigger the firmware execution can also be configured using the DSP1_START_IN_SEL field.
Using the DSP1_START_IN_SEL field, the DSP firmware execution can be linked to the respective DMA function, the
IRQ2 status, or to the FIFO status in one of the event loggers:
• DMA function: firmware execution commences when all enabled DSP input (WDMA) channel buffers have been
filled, and all enabled DSP output (RDMA) channel buffers have been emptied
• IRQ2: firmware execution commences when one or more of the unmasked IRQ2 events has occurred
• Event logger status: firmware execution commences when the FIFO not-empty status is asserted within the
respective event logger
To enable firmware execution on the DSP block, the DSP1_CORE_ENA bit must be set. Note that the usage of the DSP1_
START bit may vary depending on the particular firmware that is being executed: in some applications (e.g., when an
alternative trigger is selected using DSP1_START_IN_SEL), writing to the DSP1_START bit is not required.
4.4.3.4 DSP Operation without DSPCLK
In normal operating conditions, the clock source for the DSP block is derived from DSPCLK. The CS47L15 also supports
DSP operation when DSPCLK is not enabled; this provides capability for always-on DSP applications.
The alternative clock source, for DSP clocking without DSPCLK, is the always-on FLL (FLL_AO). The FLL_AO output
frequency range is approximately 45–50 MHz and is suitable for low-speed DSP clocking requirements.
The default FLL_AO settings are configured to provide a 49.152-MHz output, suitable for use as the always-on DSP clock
source. Note that the FLL_AO control registers must always hold valid settings—either enabled and locked to an input
reference clock, or else configured in FLL Hold Mode. See Section 4.13.9 for details of FLL_AO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com