Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L15 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS47L15
Description  Smart Codec with Low-Power Audio DSP
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L15 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS47L15 Datasheet HTML 33Page - Cirrus Logic CS47L15 Datasheet HTML 34Page - Cirrus Logic CS47L15 Datasheet HTML 35Page - Cirrus Logic CS47L15 Datasheet HTML 36Page - Cirrus Logic CS47L15 Datasheet HTML 37Page - Cirrus Logic CS47L15 Datasheet HTML 38Page - Cirrus Logic CS47L15 Datasheet HTML 39Page - Cirrus Logic CS47L15 Datasheet HTML 40Page - Cirrus Logic CS47L15 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 279 page
background image
DS1137F2
37
CS47L15
4.2 Input Signal Path
The IN1 analog input paths can be configured for low-power operation, ideal for always-on applications. If the IN1 signal
path is configured for analog input, low-power operation can be selected as described in Section 4.2.7.1.
The IN2 analog input path supports mono input only. The IN2 analog input PGA gain is fixed at 14 dB.
If the IN1 input signal path is configured for digital (DMIC) input, the voltage reference for the DMICDAT/DMICCLK pins is
selectable using IN1_DMIC_SUP; the interface is referenced to MICVDD or MICBIAS1. The voltage reference selection
controls the digital logic thresholds for the DMICDAT/DMICCLK pins (see Table 3-10)—it should be set equal to the
applicable power supply of the respective microphones.
If the IN1 input signal path is configured for digital input, the DMICCLK frequency can be configured using the IN1_OSR
field.
If the IN2 input signal path is configured for digital input, the interface clocking frequency is configured using the IN2_OSR
field. The IN2_OSR field must select the same frequency as the OUT5_OSR bit (see Table 4-55).
The input signal paths are configured using the fields described in Table 4-4.
Table 4-4. Input Signal Path Configuration
Register Address
Bit
Label
Default
Description
R780 (0x030C)
HPF_Control
2:0 IN_HPF_
CUT[2:0]
010
Input Path HPF Select. Controls the cut-off frequency of the input path HPF circuits.
000 = 2.5 Hz
001 = 5 Hz
010 = 10 Hz
011 = 20 Hz
100 = 40 Hz
All other codes are reserved
R784 (0x0310)
IN1L_Control
15
IN1L_HPF
0
Input Path 1 (Left) HPF Enable
0 = Disabled
1 = Enabled
12:11 IN1_DMIC_
SUP[1:0]
00
Input Path 1 DMIC Reference Select (sets the DMICDAT and DMICCLK logic levels)
00 = MICVDD
01 = MICBIAS1
All other codes are reserved
10
IN1_MODE
0
Input Path 1 Mode
0 = Analog input
1 = Digital input
7:1 IN1L_PGA_
VOL[6:0]
0x40 Input Path 1 (Left) PGA Volume (applicable to analog inputs only)
0x00 to 0x3F = Reserved
0x40 = 0 dB
0x41 = 1 dB
0x42 = 2 dB
… (1-dB steps)
0x5F = 31 dB
0x60 to 0x7F = Reserved
R785 (0x0311)
ADC_Digital_
Volume_1L
14:13 IN1L_
SRC[1:0]
00
Input Path 1 (Left) Source
00 = Differential (IN1ALP–IN1ALN)
01 = Single-ended (IN1ALP)
10 = Differential (IN1BP–IN1BN)
11 = Single-ended (IN1BP)
R786 (0x0312)
DMIC1L_Control
10:8 IN1_
OSR[2:0]
101
Input Path 1 Oversample Rate Control
If analog input is selected, this field must be set to 101 (default).
If digital input is selected, this field controls the DMICCLK frequency.
010 = 384 kHz
011 = 768 kHz
100 = 1.536 MHz
101 = 3.072 MHz
110 = 6.144 MHz
All other codes are reserved
R788 (0x0314)
IN1R_Control
15
IN1R_HPF
0
Input Path 1 (Right) HPF Enable
0 = Disabled
1 = Enabled
12:11 IN1_
DMICCLK_
SRC[1:0]
01
Input Path 1 DMIC Clock Source
00 = DMICCLK1
All other codes are reserved.
If digital input is selected, this field must be 00. Under default conditions, this field is locked
and cannot be written. To change the value of this field, the user key must be set before
writing to IN1_DMICCLK_SRC.
7:1 IN1R_PGA_
VOL[6:0]
0x40 Input Path 1 (Right) PGA Volume (applicable to analog inputs only)
0x00 to 0x3F = Reserved
0x40 = 0 dB
0x41 = 1 dB
0x42 = 2 dB
… (1-dB steps)
0x5F = 31 dB
0x60 to 0x7F = Reserved
R789 (0x0315)
ADC_Digital_
Volume_1R
14:13 IN1R_
SRC[1:0]
00
Input Path 1 (Right) Source
00 = Differential (IN1ARP–IN1ARN)
01 = Single-ended (IN1ARP)
10 = Differential (IN1BRP–IN1BRN)
11 = Single-ended (IN1BRP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com