Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L15 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS47L15
Description  Smart Codec with Low-Power Audio DSP
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L15 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS47L15 Datasheet HTML 62Page - Cirrus Logic CS47L15 Datasheet HTML 63Page - Cirrus Logic CS47L15 Datasheet HTML 64Page - Cirrus Logic CS47L15 Datasheet HTML 65Page - Cirrus Logic CS47L15 Datasheet HTML 66Page - Cirrus Logic CS47L15 Datasheet HTML 67Page - Cirrus Logic CS47L15 Datasheet HTML 68Page - Cirrus Logic CS47L15 Datasheet HTML 69Page - Cirrus Logic CS47L15 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 279 page
background image
66
DS1137F2
CS47L15
4.3 Digital Core
Figure 4-26. Digital-Core Haptic Signal Generator
The hexadecimal number (0x06) in Fig. 4-26 indicates the corresponding x_SRCn setting for selection of the haptic signal
generator as an input to another digital-core function.
The haptic signal generator is selected as input to one of the digital-core output mixers by setting the x_SRCn field of the
applicable output mixer to 0x06.
The sample rate for the haptic signal generator is configured using the HAP_RATE field. See Table 4-22. Note that
sample-rate conversion is required when routing the haptic signal generator output to any signal chain that is configured
for a different sample rate.
The haptic signal generator is configured for an ERM or LRA actuator using the HAP_ACT bit. The required resonant
frequency is configured using the LRA_FREQ field. Note that the resonant frequency is only applicable to LRA actuators.
The signal generator can be enabled in continuous mode or configured for one-shot mode using the HAP_CTRL field, as
described in Table 4-22. In one-shot mode, the output is triggered by writing to the ONESHOT_TRIG bit.
In one-shot mode, the signal generator profile comprises the distinct phases (1, 2, 3). The duration and intensity of each
output phase is programmable.
In continuous mode, the signal intensity is controlled using the PHASE2_INTENSITY field only.
In the case of an ERM actuator (HAP_ACT = 0), the haptic output is a DC signal level, which may be positive or negative,
as selected by the x_INTENSITY fields.
For an LRA actuator (HAP_ACT = 1), the haptic output is an AC signal; selecting a negative signal level corresponds to a
180° phase inversion. In some applications, phase inversion may be desirable during the final phase, to halt the physical
motion of the haptic device.
Table 4-22. Haptic Signal Generator Control
Register Address Bit
Label
Default
Description
R144 (0x0090)
Haptics_Control_1
4ONESHOT_
TRIG
0
Haptic One-Shot Trigger. Writing 1 starts the one-shot profile (i.e., Phase 1, Phase 2,
Phase 3)
3:2 HAP_CTRL[1:0]
00
Haptic Signal Generator Control
00 = Disabled
01 = Continuous
10 = One-Shot
11 = Reserved
1
HAP_ACT
0
Haptic Actuator Select
0 = Eccentric rotating mass (ERM)
1 = Linear resonant actuator (LRA)
R145 (0x0091)
Haptics_Control_2
14:0 LRA_
FREQ[14:0]
0x7FFF Haptic Resonant Frequency. Selects the haptic signal frequency (LRA actuator only,
HAP_ACT = 1)
Haptic Frequency (Hz) = System Clock/(2 x (LRA_FREQ+1)), where System Clock =
6.144 MHz or 5.6448 MHz, derived by division from SYSCLK.
Valid for haptic frequency in the range 100–250 Hz
For 6.144-MHz System Clock:
0x77FF = 100 Hz
0x4491 = 175 Hz
0x2FFF = 250 Hz
For 5.6448-MHz System Clock:
0x6E3F = 100 Hz
0x3EFF = 175 Hz
0x2C18 = 250 Hz
Haptic Output
(0x06)
Haptic Signal
Generator
HAP_ACT
HAP_CTRL
ONESHOT_TRIG
LRA_FREQ
HAP_RATE
+
Digital Core Output Mixer
DAC
Output
Volume
Class D Speaker
Driver
DAC
OUTnxMIX_SRCn
OUTnxMIX_VOLn
Haptic
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com