Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L15 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS47L15
Description  Smart Codec with Low-Power Audio DSP
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L15 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS47L15 Datasheet HTML 28Page - Cirrus Logic CS47L15 Datasheet HTML 29Page - Cirrus Logic CS47L15 Datasheet HTML 30Page - Cirrus Logic CS47L15 Datasheet HTML 31Page - Cirrus Logic CS47L15 Datasheet HTML 32Page - Cirrus Logic CS47L15 Datasheet HTML 33Page - Cirrus Logic CS47L15 Datasheet HTML 34Page - Cirrus Logic CS47L15 Datasheet HTML 35Page - Cirrus Logic CS47L15 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 279 page
background image
32
DS1137F2
CS47L15
4.2 Input Signal Path
The IN2 analog input path supports differential connection only, as shown in Fig. 4-2. The IN2 analog line input
configuration is shown in Fig. 4-9. The gain of the IN2 signal path PGA is fixed at 14 dB.
Note that IN2 analog input supports ground-referenced input signals only. Input capacitors must not be used on the IN2x
pins.
Figure 4-9. Differential Line Input
4.2.3
Analog Input—Speaker Current Monitoring
The IN2 analog input path is optimized for supporting speaker-protection applications. In these applications, the IN2 pins
are used to provide feedback from current-monitoring connections on the Class D speaker outputs. Speaker-protection
software, running on the integrated DSP core, enables the operational limits to be continually optimized for the particular
loudspeaker and the prevailing conditions.
Typical connections for speaker-protection applications, including the analog feedback path to the IN2 pins, are shown in
Fig. 4-10.
Figure 4-7. Single-Ended Line Input
Figure 4-8. Differential Line Input
GND
Line
To ADC
VREF
IN1xN
IN1xP
PGA
+
–
To ADC
VREF
IN1xN
IN1xP
Line
PGA
+
–
To ADC
VREF
IN2N
IN2P
Line
PGA
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com