Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303BTMX Datasheet(PDF) 5 Page - ON Semiconductor

Part # FUSB303BTMX
Description  FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303BTMX Datasheet(HTML) 5 Page - ON Semiconductor

  FUSB303BTMX Datasheet HTML 1Page - ON Semiconductor FUSB303BTMX Datasheet HTML 2Page - ON Semiconductor FUSB303BTMX Datasheet HTML 3Page - ON Semiconductor FUSB303BTMX Datasheet HTML 4Page - ON Semiconductor FUSB303BTMX Datasheet HTML 5Page - ON Semiconductor FUSB303BTMX Datasheet HTML 6Page - ON Semiconductor FUSB303BTMX Datasheet HTML 7Page - ON Semiconductor FUSB303BTMX Datasheet HTML 8Page - ON Semiconductor FUSB303BTMX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
FUSB303B
www.onsemi.com
5
Table 2. ORIENT PIN VERSUS ORIENT [1:0] REGISTER BITS MAPPING
CC1 (A5)
CC2 (B5)
STATUS.
ORIENT[1] Bit
STATUS.
ORIENT[0] Bit
ADDR/ORIENT pin
Output
FUSB303B CONNECTED AS A SINK
SNK. Open
SNK. Open
0
0
LOW
SNK. Open
SNK. Rp
1
0
HIGH
SNK. Rp
SNK. Open
0
1
LOW
SNK. Rp (Note 2)
SNK. Rp
0
1
LOW
SNK. Rp
SNK. Rp (Note 2)
1
0
HIGH
FUSB303B CONNECTED AS SOURCE
SRC. Open
SRC. Open
0
0
LOW
SRC. Open or SRC. Ra
SRC. Rd
1
0
HIGH
SRC. Rd
SRC. Open or SRC. Ra
0
1
LOW
SRC. Rd (Note 1)
SRC.Rd
0
1
LOW
SRC. Rd
SRC. Rd (Note 1)
1
0
HIGH
1. Orientation decoded on this pin after a Sink Debug Test System (DTS) attached to FUSB303B.
2. Orientation decoded on this pin after a Source Debug Test System (DTS) attached to FUSB303B.
High Voltage Tolerance on CCx and VBUS Pins
The FUSB303B has additional protection for the type C
connector pins where it can tolerate up to 28 V on VBUS,
CC1 and CC2 to protect against any misbehaving Type C
device connect to the FUSB303B. If VBUS tolerance is
needed higher than 28 V, a 900 k
W resistor can be used
externally along with a Transient Voltage Suppressor (TVS)
to achieve almost any higher voltage tolerance dictated by
the TVS chosen.
Dead Battery
If power is not applied to FUSB303B and it is attached to
a Source device, then the Source would pull up the CC line
connected through the cable. The FUSB303B in response
will turn on the pull−down that will bring the CC voltage to
a range that the Source can detect an attached device and turn
on VBUS.
GPIO Mode, Debug and Audio Accessories
When VDD is active and on the trailing edge of EN_N, the
FUSB303B will sample PORT/DEBUG_N to determine if
the FUSB303B operates as a Source (HIGH), Sink (LOW)
or DRP (floating). Subsequently the PORT/DEBUG_N will
be set LOW when a Debug Test System is detected.
If the FUSB303B is configured as a Sink
(PORT/DEBUG_N = LOW upon enable), the FUSB303B
will detect a Debug Test System if Rp is detected on both
CC1 and CC2. Devices that support orientation detection
will also have ADDR/ORIENT set based on the levels
detected for CC1 and CC2. ID will be set HIGH−Z.
If
the
device
is
configured
as
a
Source
(PORT/DEBUG_N = HIGH upon enable), the FUSB303B
will detect a Debug Test System if Rd is detected on both
CC1 and CC2. Devices that support orientation detection
will also have ADDR/ORIENT set based on the levels
detected for CC1 and CC2. ID will be set LOW.
The FUSB303B also supports DRP toggling for detecting
debug test systems. When PORT/DEBUG_N= float upon
enable, the FUSB303B can detect both Source and Sink
debug test systems depending on how it resolves its role as
a Source or Sink. Then it acts either as a Source or Sink as
described above.
The FUSB303B will report Debug Test System detection
via the Type I2C register as well. The detection is the same
as described above except Source, Sink and DRP roles are
configured via the Portrole register. This Portrole register
setting has higher priority over the PORT/DEBUG_N pin
state for Source/Sink/DRP port role.
The FUSB303B will set INT_N/OUT3 = LOW in GPIO
mode when an Audio Accessory is detected. The
FUSB303B will report Audio Accessory detection via the
Type I2C register as well when Audio Accessory detection
is configured via the Portrole register.
FORCE.SNK and FORCE.SRC Functionality
In some cases, a device may need to force its role to a Sink
or a Source especially if two DRP devices are connected
together and they have connected in the wrong device role.
In that case, the FUSB303B has incorporated a function that
allows it to be forced into either Sink or Source. However,
if it cannot complete this role change, the FUSB303B will
resume its previous role and flag success or failure with
I_FRC_SUCC and I_FRC_FAIL interrupts respectively.
Remedial Actions
In some cases, a device may start to detect a Source or Sink
but get caught in a loop trying to resolve the detected device.
In that case the FUSB303B provides functionality to resolve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com