Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303BTMX Datasheet(PDF) 10 Page - ON Semiconductor

Part # FUSB303BTMX
Description  FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303BTMX Datasheet(HTML) 10 Page - ON Semiconductor

Back Button FUSB303BTMX Datasheet HTML 6Page - ON Semiconductor FUSB303BTMX Datasheet HTML 7Page - ON Semiconductor FUSB303BTMX Datasheet HTML 8Page - ON Semiconductor FUSB303BTMX Datasheet HTML 9Page - ON Semiconductor FUSB303BTMX Datasheet HTML 10Page - ON Semiconductor FUSB303BTMX Datasheet HTML 11Page - ON Semiconductor FUSB303BTMX Datasheet HTML 12Page - ON Semiconductor FUSB303BTMX Datasheet HTML 13Page - ON Semiconductor FUSB303BTMX Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
FUSB303B
www.onsemi.com
10
Table 9. TIMING PARAMETERS (continued)
Symbol
Parameter
TA = −40 to +85
°C
TJ=−40 to +125
°C
Unit
Min.
Typ.
Max.
Unit
tRESET
Soft Reset Duration
2.85 to 5.5
100
ms
tAUTOSNK
Debounce time to detect Weak Battery VDD
Threshold to trigger I_AUTOSNK if AUTOSNK
mode enabled for both entering AUTOSNK and
exiting AUTOSNK
VDD (V) = 2.85 to 5.5
10
15
20
ms
4. Default Value when Configured in GPIO Mode (ADDR/ORIENT = Float)
Table 9. IO SPECIFICATIONS
Symbol
Parameter
VDD (V)
Conditions
TA = −40 to +85
°C
TJ=−40 to +125
°C
Unit
Min.
Typ.
Max.
OPEN DRAIN OUTPUT PINS (ID, INT_N/OUT3)
VOLID
Output Low Voltage
2.85 to 5.5
IOL = 4 mA
0.4
V
INPUT PIN (EN_N)
VILEN
Low−Level Input Voltage
2.85 to 5.5
0.4
V
VIHEN
High−Level Input Voltage
2.85 to 5.5
1.2
V
ICCTEN
VDD Current when EN_N is HIGH
2.85 to 5.5
Worst Input
Voltage
2
mA
3−STATE INPUT AND PUSH/PULL OUTPUT PINS (PORT/DEBUG_N, ADDR/ORIENT)
VILADDR
Low−Level Input Voltage
2.85 to 5.5
0.2VDD
V
VIMADDR Middle−Level Input Voltage
2.85 to 5.5
0.4VDD
0.6VDD
V
VIHADDR
High−Level Input Voltage
2.85 to 5.5
0.8VDD
V
Zfloat
Impedance to VDD or GND detected as a FLOAT
including when VDD = 0
2.85 to 5.5
1
4
MW
VOLOUT
Low−Level Input Voltage
2.85 to 5.5
IOL = 1 mA
0.2VDD
V
VOHOUT
High−Level Input Voltage
2.85 to 5.5
IOL = −1 mA
0.8VDD
V
I2C INTERFACE PINS – FAST MODE SDA/OUT1, SCL/OUT2
VILI2C
Low−Level Input Voltage
2.85 to 5.5
0.4
V
VIHI2C
High−Level Input Voltage
2.85 to 5.5
1.2
V
VHYS
Hysteresis of Schmitt Trigger Inputs
2.85 to 5.5
0.2
V
Ii2C
Input Current of SDA/OUT1and SCL/OUT2 Pins,
2.85 to 5.5
Input Voltage
0 V to 3.6 V
2
mA
ICCTI2C
VDD Current when SDA/OUT1or SCL/OUT2 is
HIGH
2.85 to 5.5
Worst Input
Voltage
2
mA
VOLSDA
Low−Level Output Voltage at 2 mA Sink Current
(Open−Drain)
2.85 to 5.5
IOL = 2 mA
0.3
V
IOLSDA
Low−Level Output Current (Open−Drain)
3.0 to 5.5
VOLSDA = 0.4 V
20
mA
CI
Capacitance for Each I/O Pin
2.85 to 5.5
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com