Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303BTMX Datasheet(PDF) 15 Page - ON Semiconductor

Part # FUSB303BTMX
Description  FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303BTMX Datasheet(HTML) 15 Page - ON Semiconductor

Back Button FUSB303BTMX Datasheet HTML 10Page - ON Semiconductor FUSB303BTMX Datasheet HTML 11Page - ON Semiconductor FUSB303BTMX Datasheet HTML 12Page - ON Semiconductor FUSB303BTMX Datasheet HTML 13Page - ON Semiconductor FUSB303BTMX Datasheet HTML 14Page - ON Semiconductor FUSB303BTMX Datasheet HTML 15Page - ON Semiconductor FUSB303BTMX Datasheet HTML 16Page - ON Semiconductor FUSB303BTMX Datasheet HTML 17Page - ON Semiconductor FUSB303BTMX Datasheet HTML 18Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
FUSB303B
www.onsemi.com
15
Table 19. MASK
(Address: 0Eh, Reset Value: 0000_0000b, Type: Read/Write)
Bit #
Name
Size (Bits)
Bit#: Default
Description
7
Reserved
1
70b
Do Not Use
6
M_ORIENT
1
60b
1: Mask the I_ORIENT interrupt bit from asserting INT_N pin
5
M_FAULT
1
50b
1: Mask the I_FAULT interrupt bit from asserting INT_N pin
4
M_VBUS_CHG
1
40b
1: Mask the I_VBUS interrupt bit from asserting INT_N pin
3
M_AUTOSNK
1
30b
1: Mask the I_AUTOSNK interrupt bit from asserting INT_N pin
2
M_BC_LVL
1
20b
1: Mask the I_BC_LVL interrupt bit from asserting INT_N pin
1
M_DETACH
1
10b
1: Mask the I_DETACH interrupt bit from asserting INT_N pin
0
M_ATTACH
1
00b
1: Mask the I_ATTACH interrupt bit from asserting INT_N pin
12.Masking the interrupt just does not cause INT_N to be asserted. The interrupt bit will still be asserted in the Interrupt register and so that an
all zeroes Interrupt register value is not needed for INT_N to be deasserted.
Table 20. MASK1
(Address: 0Fh, Reset Value: 0000_0000b, Type: Read/Write)
Bit #
Name
Size (Bits)
Bit#: Default
Description
7
Reserved
1
70b
Do Not Use
6
M_REM_VBOFF
1
60b
1: Mask the I_REM_VBOFF interrupt bit from asserting INT_N pin
5
M_REM_VBON
1
50b
1: Mask the I_REM_VBON interrupt bit from asserting INT_N pin
4
Reserved
1
40b
Do Not Use
3
M_REM_FAIL
1
30b
1: Mask the I_REM_FAIL interrupt bit from asserting INT_N pin
2
M_FRC_FAIL
1
20b
1: Mask the I_FRC_FAIL interrupt bit from asserting INT_N pin
1
M_FRC_SUCC
1
10b
1: Mask the I_FRC_SUCC interrupt bit from asserting INT_N pin
0
M_REMEDY
1
00b
1: Mask the I_REMEDY interrupt bit from asserting INT_N pin
13.Masking the interrupt just does not cause INT_N to be asserted. The interrupt bit will still be asserted in the Interrupt register and so that an
all zeroes Interrupt register value is not needed for INT_N to be deasserted.
Table 21. STATUS
(Address: 11h, Reset Value: 0000_0000b, Type: Read Only)
Bit #
Name
Size (Bits)
Bit#: Default
Description
7
AUTOSNK
1
70b
1:AUTOSNK mode is activated since the VDD voltage is lower
than AUTO_SNK_TH voltage
6
VSAFE0V
1
60b
1: Status to indicate VBUS_DET is below vSafe0V max of 0.8
Vpin
5:4
ORIENT[1:0]
2
5:4 00b
Status to indicate which CCx pins has the cable CC connection
00: No or unresolved connection detected
01: Cable CC is connected through the CC1 (A5) pin
10: Cable CC is connected through the CC2 (B5) pin
11: A fault has occurred during the detection
3
VBUSOK
1
30b
1: Status to indicate VBUS_DET is in the valid VBUS 5V range
2:1
BC_LVL[1:0]
2
2:1 00b
Thresholds that allow detection of current advertisement on CC
line
00: (Ra or unattached) Sink or unattached Source
01: Rd threshold for Sink default current advertisement
10: Rd threshold for Sink 1.5 A current advertisement
11: Rd threshold for Sink 3 A current advertisement
0
ATTACH
1
00b
1: Attached to a device or accessory of a type shown in the Type
register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com