Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303BTMX Datasheet(PDF) 17 Page - ON Semiconductor

Part # FUSB303BTMX
Description  FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303BTMX Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FUSB303BTMX Datasheet HTML 10Page - ON Semiconductor FUSB303BTMX Datasheet HTML 11Page - ON Semiconductor FUSB303BTMX Datasheet HTML 12Page - ON Semiconductor FUSB303BTMX Datasheet HTML 13Page - ON Semiconductor FUSB303BTMX Datasheet HTML 14Page - ON Semiconductor FUSB303BTMX Datasheet HTML 15Page - ON Semiconductor FUSB303BTMX Datasheet HTML 16Page - ON Semiconductor FUSB303BTMX Datasheet HTML 17Page - ON Semiconductor FUSB303BTMX Datasheet HTML 18Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
FUSB303B
www.onsemi.com
17
Table 25. INTERRUPT1
(Address: 15h, Reset Value: 0000_0000b, Type: Read/Write 1 to Clear)
Bit #
Name
Size (Bits)
Bit#: Default
Description
7
Reserved
1
70b
Do Not Use
6
I_REM_VBOFF
1
60b
1: Interrupt to request VBUS be turned off and discharged while
executing internal methods to achieve stable attach
5
I_REM_VBON
1
50b
1: Interrupt to request VBUS be turned on while executing internal
methods to achieve stable attach
4
Reserved
1
40b
Do Not Use
3
I_REM_FAIL
1
30b
1: Interrupt to indicate that internal methods to achieve stable
attach have failed.
2
I_FRC_FAIL
1
20b
1: Interrupt to indicate that FORCE_SRC or FORCE_SNK has
failed to execute either because it was being forced into a state it
was already in or for other reasons
1
I_FRC_SUCC
1
10b
1: Interrupt to indicate that FORCE_SRC or FORCE_SNK has
successfully being executed.
0
I_REMEDY
1
00b
1: Interrupt to indicate that detection issues caused FUSB303B to
employ internal methods to achieve stable attach
ORDERING INFORMATION TABLE
Table 26. AVAILABLE PART NUMBERS
Part Number
Top Mark
Operating Temperature
Range
Package
Packing
Method†
FUSB303BTMX
UN
−40 to 85°C
12−Lead Ultra−thin Molded Leadless Package
(QFN) 1.6 mm x 1.6 mm x 0.375 mm
Tape and
Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com