Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303BTMX Datasheet(PDF) 1 Page - ON Semiconductor

Part # FUSB303BTMX
Description  FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303BTMX Datasheet(HTML) 1 Page - ON Semiconductor

  FUSB303BTMX Datasheet HTML 1Page - ON Semiconductor FUSB303BTMX Datasheet HTML 2Page - ON Semiconductor FUSB303BTMX Datasheet HTML 3Page - ON Semiconductor FUSB303BTMX Datasheet HTML 4Page - ON Semiconductor FUSB303BTMX Datasheet HTML 5Page - ON Semiconductor FUSB303BTMX Datasheet HTML 6Page - ON Semiconductor FUSB303BTMX Datasheet HTML 7Page - ON Semiconductor FUSB303BTMX Datasheet HTML 8Page - ON Semiconductor FUSB303BTMX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2020
April, 2020 − Rev. 1
1
Publication Order Number:
FUSB303B/D
FUSB303B Autonomous USB
Type-CE Port Controller with
I2C and GPIO Control
FUSB303B
Description
The FUSB303B device is a fully autonomous USB Type−C
t
controller optimized for 15 W or less applications. The FUSB303B
offers CC logic detection for Source Port role, Sink Port role, DRP,
and accessory detection support, as well as Dead Battery support as
defined in USB−C specifications. The FUSB303B features
configurable address I2C access to support multiple ports per system
or it can operate autonomously configured by just pins. The
FUSB303B features ultra−low power during operation, and an
ultra−thin, 12−Lead QFN package.
Features
• Fully Autonomous USB−Ct Port Controller
• Supports Latest Type−Ct Specification Release 1.3
• Source, Sink, and DRP Port role Configuration with Optional
Accessory Support
• Try.SRC and Try.SNK modes for Preferring Source Role or Sink
Role Respectively
• VDD Operating Range, 2.85−5.5 V
• Typical Low Power Operation: ICC < 10 mA
• GPIO and I2C Configuration
• Max 28 V DC Tolerance on ID, VBUS_DET, CC1 and CC2
• Dead Battery Support (Sink Port role when No Power Applied)
• 4 kV HBM ESD Protection for Connector Pins
• Small Packaging, 12 Lead QFN
(1.6 mm
× 1.6 mm × 0.375 mm)
Applications
• Smartphones
• Tablets
• Laptops
• Accessoires
• Industrial
• Power Banks
www.onsemi.com
QFN12
CASE 722AG
MARKING DIAGRAM
UN
= FUSB303B Device Code
KK
= Lot Trace Code
_
= Pin #1 Identifier
XY
= Two Digit Date Code
Z
= Assembly Plant Code
1
UNKK
_XYZ
See detailed ordering and shipping information on page 17 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - FUSB303BTMX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
FUSB303EVBUM ONSEMI-FUSB303EVBUM Datasheet
262Kb / 6P
The FUSB303 device is a fully autonomous USB Type?묬 controller optimized for 15W or less applications
January, 2018 ??Rev. 1
FUSB303TMX ONSEMI-FUSB303TMX Datasheet
213Kb / 19P
Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
More results

Similar Description - FUSB303BTMX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CCG2 CYPRESS-CCG2 Datasheet
2Mb / 33P
USB Type-C Port Controller
CCG3 CYPRESS-CCG3 Datasheet
1,021Kb / 45P
USB Type-C Port Controller
logo
ON Semiconductor
FUSB301 ONSEMI-FUSB301 Datasheet
310Kb / 14P
Autonomous USB Type-C Controller with Super Speed Switch Control
June, 2018 ??Rev. 0
FUSB301A ONSEMI-FUSB301A Datasheet
315Kb / 14P
Autonomous USB Type-C Controller with Configurable I2C Address
June, 2018 ??Rev. 0
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
FUSB307B ONSEMI-FUSB307B Datasheet
456Kb / 57P
USB Type-C Port Controller with USB-PD
April, 2018 ??Rev. 3
FUSB308B ONSEMI-FUSB308B Datasheet
535Kb / 53P
USB Type-C Port Controller with USB-PD
February, 2020 ??Rev. 4
FUSB380 ONSEMI-FUSB380 Datasheet
213Kb / 8P
Autonomous USB Type-C Cable Marker
May, 2019 ??Rev. 1
logo
Kinetic Technologies.
MCDP9000 KINETIC-MCDP9000 Datasheet
181Kb / 5P
USB Type-C Port Controller
June 2022 - Revision 04c
logo
Infineon Technologies A...
CYPD6125-40LQXIT INFINEON-CYPD6125-40LQXIT Datasheet
518Kb / 39P
USB Type-C Port Controller
July 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com