Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB303BTMX Datasheet(PDF) 7 Page - ON Semiconductor

Part # FUSB303BTMX
Description  FUSB303B Autonomous USB Type-C Port Controller with I2C and GPIO Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB303BTMX Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FUSB303BTMX Datasheet HTML 3Page - ON Semiconductor FUSB303BTMX Datasheet HTML 4Page - ON Semiconductor FUSB303BTMX Datasheet HTML 5Page - ON Semiconductor FUSB303BTMX Datasheet HTML 6Page - ON Semiconductor FUSB303BTMX Datasheet HTML 7Page - ON Semiconductor FUSB303BTMX Datasheet HTML 8Page - ON Semiconductor FUSB303BTMX Datasheet HTML 9Page - ON Semiconductor FUSB303BTMX Datasheet HTML 10Page - ON Semiconductor FUSB303BTMX Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
FUSB303B
www.onsemi.com
7
I2C Address
The ADDR/ORIENT bit HIGH or LOW is indicated in bit
5 of the slave address shown in Table 3.
Table 3. FUSB303B I2C SLAVE ADDRESS
Name
Size (Bits)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Slave Address
8
0
1
ADDR/ORIENT
state
0
0
0
1
R/W
Table 4. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min.
Max.
Unit
VVDD
Supply Voltage from VDD
−0.5
6.0
V
VCON
ID, VBUS_DET, CC1 and CC2 voltage
−0.5
28.0
V
VIO
PORT/DEBUG_N, ADDR/ORIENT, INT_N/OUT3, SDA/OUT1, SCL/OUT2 pins voltage
−0.5
6.0
V
VIO
EN_N
−0.5
2.0
V
TSTORAGE Storage Temperature Range
−65
+150
C
TJ
Maximum Junction Temperature
+150
C
TL
Lead Temperature (Soldering, 10 seconds)
+260
C
ESD
IEC 61000−4−2 System ESD with external TVS
Connector
Pins (VBUS,
CC1 & CC2)
Air Gap
15
kV
Contact
8
Human Body Model, JEDEC JESD22−A114
Connector Pins
(VBUS_DET, CC1 and CC2)
4
kV
Others
2
Charged Device Model, JEDEC LESD22−C101
All Pins
1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
Table 5. RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VBUS
VBUS_DET Voltage
4.0
5.0
22
V
VDD
Supply Voltage
2.85
3.3
5.5
V
TA
Operating Temperature
−40
+85
C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com