Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47CMB01 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP47CMB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB01 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP47CMB01 Datasheet HTML 21Page - Microchip Technology MCP47CMB01 Datasheet HTML 22Page - Microchip Technology MCP47CMB01 Datasheet HTML 23Page - Microchip Technology MCP47CMB01 Datasheet HTML 24Page - Microchip Technology MCP47CMB01 Datasheet HTML 25Page - Microchip Technology MCP47CMB01 Datasheet HTML 26Page - Microchip Technology MCP47CMB01 Datasheet HTML 27Page - Microchip Technology MCP47CMB01 Datasheet HTML 28Page - Microchip Technology MCP47CMB01 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 25
MCP47CXBXX
2.0
TYPICAL PERFORMANCE CURVES
2.1
Electrical Data
Note:
Unless otherwise indicated, TA =+25°C, VDD =5.5V.
FIGURE 2-1:
Average Device Supply
Current vs. FSCL Frequency, Voltage and
Temperature – Active Interface,
VRxB:VRxA = 00, (VDD Mode).
FIGURE 2-2:
Average Device Supply
Current vs. FSCL Frequency, Voltage and
Temperature – Active Interface,
VRxB:VRxA = 01 (Band Gap Mode).
FIGURE 2-3:
Average Device Supply
Current vs. FSCL Frequency, Voltage and
Temperature – Active Interface,
VRxB:VRxA = 11 (VREF Buffered Mode).
FIGURE 2-4:
Average Device Supply
Current – Inactive Interface (SCL = VIH or VIL) vs.
Voltage and Temperature, VRxB:VRxA = 00
(VDD Mode).
FIGURE 2-5:
Average Device Supply
Current – Inactive Interface (SCL = VIH or VIL) vs.
Voltage and Temperature, VRxB:VRxA = 01
(Band Gap Mode).
FIGURE 2-6:
Average Device Supply
Current – Inactive Interface (SCL = VIH or VIL) vs.
Voltage and Temperature, VRxB:VRxA = 11
(VREF Buffered Mode).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range), and therefore, outside the warranted range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com