Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47CMB01 Datasheet(PDF) 50 Page - Microchip Technology

Part # MCP47CMB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB01 Datasheet(HTML) 50 Page - Microchip Technology

Back Button MCP47CMB01 Datasheet HTML 46Page - Microchip Technology MCP47CMB01 Datasheet HTML 47Page - Microchip Technology MCP47CMB01 Datasheet HTML 48Page - Microchip Technology MCP47CMB01 Datasheet HTML 49Page - Microchip Technology MCP47CMB01 Datasheet HTML 50Page - Microchip Technology MCP47CMB01 Datasheet HTML 51Page - Microchip Technology MCP47CMB01 Datasheet HTML 52Page - Microchip Technology MCP47CMB01 Datasheet HTML 53Page - Microchip Technology MCP47CMB01 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 124 page
background image
MCP47CXBXX
DS20006089B-page 50
 2018-2019 Microchip Technology Inc.
TABLE 4-1:
MCP47CXBXX MEMORY MAP (16-BIT)
Function
Function
00h Volatile DAC Wiper Register 0
Y Y
10h Nonvolatile DAC Wiper Register 0
Y Y
01h Volatile DAC Wiper Register 1
—Y
11h Nonvolatile DAC Wiper Register 1
—Y
02h Reserved
— —
12h Reserved
— —
03h Reserved
— —
13h Reserved
— —
04h Reserved
— —
14h Reserved
— —
05h Reserved
— —
15h Reserved
— —
06h Reserved
— —
16h Reserved
— —
07h Reserved
— —
17h Reserved
— —
08h Volatile VREF Register
Y Y
18h Nonvolatile VREF Register
Y Y
09h Volatile Power-Down Register
Y Y
19h Nonvolatile Power-Down Register
Y Y
0Ah Volatile Gain and Status Register
Y Y
1Ah NV Gain and I2C 7-Bit Slave Address
Y Y
0Bh Reserved
— —
1Bh NV WiperLock™ Technology Register
Y Y
0Ch General Purpose MTP
(1)
1Ch General Purpose MTP
(1)
0Dh General Purpose MTP
(1)
1Dh General Purpose MTP
(1)
0Eh General Purpose MTP
(1)
1Eh General Purpose MTP
(1)
0Fh General Purpose MTP
(1)
1Fh General Purpose MTP
(1)
Legend:
Volatile Memory Addresses
MTP Memory Addresses
Memory Locations Not Implemented on this Device Family
Note 1: On nonvolatile memory devices only (MCP47CMBXX).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com