Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47CMB01 Datasheet(PDF) 54 Page - Microchip Technology

Part # MCP47CMB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB01 Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCP47CMB01 Datasheet HTML 50Page - Microchip Technology MCP47CMB01 Datasheet HTML 51Page - Microchip Technology MCP47CMB01 Datasheet HTML 52Page - Microchip Technology MCP47CMB01 Datasheet HTML 53Page - Microchip Technology MCP47CMB01 Datasheet HTML 54Page - Microchip Technology MCP47CMB01 Datasheet HTML 55Page - Microchip Technology MCP47CMB01 Datasheet HTML 56Page - Microchip Technology MCP47CMB01 Datasheet HTML 57Page - Microchip Technology MCP47CMB01 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 124 page
background image
MCP47CXBXX
DS20006089B-page 54
 2018-2019 Microchip Technology Inc.
Register 4-2 shows the format of the Voltage Refer-
ence Control register. Each DAC has two bits to control
the source of the voltage reference of the DAC. This
register is for the volatile memory locations. The width
of this register is two times the number of DACs for the
device.
REGISTER 4-2:
VOLTAGE REFERENCE (VREF) CONTROL REGISTERS (08h/18h)
(VOLATILE/NONVOLATILE)
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0 R/W-n R/W-n R/W-n R/W-n
Single
—
—
—
—
———
———
——
—(1)
—(1) VR0B VR0A
Dual
—
—
—
—
—
—
—
—
—
—
—
—
VR1B VR1A VR0B VR0A
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
= Single channel device
= Dual channel device
Single
Dual
bit 15-2
bit 15-4
Unimplemented: Read as ‘0’
bit 1-0
bit 3-0
VRxB:VRxA: DAC Voltage Reference Control bits
11 =VREF pin (buffered); VREF buffer enabled
10 =VREF pin (unbuffered); VREF buffer disabled
01 = Internal band gap (1.214V typical); VREF buffer enabled, VREF voltage driven when
powered down(2)
00 =VDD (unbuffered); VREF buffer disabled, use this state with power-down bits for lowest current
Note 1: Unimplemented bit, read as ‘0’.
2: When the internal band gap is selected, the band gap voltage source will continue to output the voltage on
the VREF pin in any of the Power-Down modes. To reduce the power consumption to its lowest level
(band gap disabled), after selecting the desired Power-Down mode, the voltage reference should be
changed to VDD or the VREF pin unbuffered (‘00’ or ‘10’), which turns off the Internal band gap circuitry.
After wake-up, the user needs to reselect the internal band gap (‘01’) for the voltage reference source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com