Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47CMB01 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP47CMB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB01 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP47CMB01 Datasheet HTML 43Page - Microchip Technology MCP47CMB01 Datasheet HTML 44Page - Microchip Technology MCP47CMB01 Datasheet HTML 45Page - Microchip Technology MCP47CMB01 Datasheet HTML 46Page - Microchip Technology MCP47CMB01 Datasheet HTML 47Page - Microchip Technology MCP47CMB01 Datasheet HTML 48Page - Microchip Technology MCP47CMB01 Datasheet HTML 49Page - Microchip Technology MCP47CMB01 Datasheet HTML 50Page - Microchip Technology MCP47CMB01 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 47
MCP47CXBXX
4.0
GENERAL DESCRIPTION
The MCP47CXBX1 (MCP47CXB01, MCP47CXB11
and MCP47CXB21) devices are single-channel voltage
output devices.
MCP47CXBX2 (MCP47CXB02, MCP47CXB12 and
MCP47CXB22) are dual channel voltage output devices.
These devices are offered with 8-bit (MCP47CXB0X),
10-bit (MCP47CXB1X) and 12-bit (MCP47CXB2X)
resolutions.
The family offers two memory options: the
MCP47CVBXX devices have volatile memory, while
the MCP47CMBXX have 32-times programmable
nonvolatile memory (MTP).
All devices include an I2C serial interface and a write
latch (LAT) pin to control the update of the analog out-
put voltage value from the value written in the Volatile
DAC Output register.
The devices use a resistor ladder architecture. The
resistor ladder DAC is driven from a software-
selectable voltage reference source. The source can
be either the device’s internal VDD, an external VREF
pin voltage (buffered or unbuffered) or an internal
band gap voltage source.
The DAC output is buffered with a low-power and
precision output amplifier. This output amplifier pro-
vides a rail-to-rail output with low offset voltage and
low noise. The gain (1x or 2x) of the output buffer is
software configurable.
The devices operate from a single supply voltage. This
voltage is specified from 2.7V to 5.5V for full specified
operation, and from 1.8V to 5.5V for digital operation.
The device operates between 1.8V and 2.7V, but
some device parameters are not specified.
The
MCP47CMBXX
devices
also
have
user-
programmable
nonvolatile
configuration
memory
(MTP). This allows the device’s desired POR values to
be saved or the I2C address to be changed. The
device also has general purpose MTP memory
locations for storing system-specific information
(calibration data, serial numbers, system ID informa-
tion). A high-voltage requirement for programming on
the HVC pin ensures that these device settings are not
accidentally modified during normal system operation.
Therefore, it is recommended that the MTP memory
should only be programmed at the user’s factory.
The main functional blocks are:
• Power-on Reset/Brown-out Reset (POR/BOR)
• Device Memory
• Resistor Ladder
• Output Buffer/VOUT Operation
• I2C Serial Interface Module
4.1
Power-on Reset/Brown-out Reset
(POR/BOR)
The internal Power-on Reset (POR)/Brown-out Reset
(BOR) circuit monitors the power supply voltage (VDD)
during operation. This circuit ensures correct device
start-up at system power-up and power-down events.
The device’s RAM Retention Voltage (VRAM) is lower
than the POR/BOR Voltage Trip Point (VPOR/VBOR).
The maximum VPOR/VBOR voltage is less than 1.8V.
The POR and BOR trip points are at the same voltage,
and the condition is determined by whether the VDD
voltage is rising or falling (see Figure 4-1). What occurs
is different depending on whether the Reset is a POR
or BOR Reset.
POR occurs as the voltage rises (typically from 0V),
while BOR occurs as the voltage falls (typically from
VDD(MIN) or higher).
When VPOR/VBOR < VDD < 2.7V, the electrical perfor-
mance may not meet the data sheet specifications. In
this region, the device is capable of reading and writing
to its volatile memory if the proper serial command is
executed.
4.1.1
POWER-ON RESET
The Power-on Reset is the case where the device’s
VDD has power applied to it from the VSS voltage level.
As the device powers up, the VOUT pin floats to an
unknown value. When the device’s VDD is above the
transistor threshold voltage of the device, the output
starts to be pulled low.
After the VDD is above the POR/BOR trip point
(VBOR/VPOR), the resistor network’s wiper is loaded
with the POR value. The POR value is either mid-scale
(MCP47CVBXX) or the user’s MTP programmed value
(MCP47CMBXX).
Note:
In order to have the MCP47CMBXX
devices load the values from nonvolatile
memory locations at POR, they have to be
programmed at least once by the user;
otherwise, the loaded values will be the
default ones. After MTP programming, a
POR event is required to load the written
values from the nonvolatile memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com