Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47CMB01 Datasheet(PDF) 64 Page - Microchip Technology

Part # MCP47CMB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB01 Datasheet(HTML) 64 Page - Microchip Technology

Back Button MCP47CMB01 Datasheet HTML 60Page - Microchip Technology MCP47CMB01 Datasheet HTML 61Page - Microchip Technology MCP47CMB01 Datasheet HTML 62Page - Microchip Technology MCP47CMB01 Datasheet HTML 63Page - Microchip Technology MCP47CMB01 Datasheet HTML 64Page - Microchip Technology MCP47CMB01 Datasheet HTML 65Page - Microchip Technology MCP47CMB01 Datasheet HTML 66Page - Microchip Technology MCP47CMB01 Datasheet HTML 67Page - Microchip Technology MCP47CMB01 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 124 page
background image
MCP47CXBXX
DS20006089B-page 64
 2018-2019 Microchip Technology Inc.
5.3.4
OUTPUT SLEW RATE
Figure 5-6 shows an example of the slew rate of the VOUT
pin. The slew rate can be affected by the characteristics
of the circuit connected to the VOUT pin.
FIGURE 5-6:
VOUT Pin Slew Rate.
5.3.4.1
Small Capacitive Load
With a small capacitive load, the output buffer’s current
is not affected by the Capacitive Load (CL). But still, the
VOUT pin’s voltage is not a step transition from one out-
put value (DAC register value) to the next output value.
The change of the VOUT voltage is limited by the output
buffer’s characteristics, so the VOUT pin voltage will
have a slope from the old voltage to the new voltage.
This slope is fixed for the output buffer, and is referred
to as the Buffer Slew Rate (SRBUF).
5.3.4.2
Large Capacitive Load
With a larger capacitive load, the slew rate is
determined by two factors:
• The output buffer’s Short-Circuit Current (ISC)
•The VOUT pin’s external load
IOUT cannot exceed the output buffer’s Short-Circuit
Current (ISC), which fixes the output Buffer Slew Rate
(SRBUF). The voltage on the Capacitive Load (CL), VCL,
changes at a rate proportional to IOUT, which fixes a
Capacitive Load Slew Rate (SRCL).
The VCL voltage slew rate is limited to the slower of the
output buffer’s internally Set Slew Rate (SRBUF) and
the Capacitive Load Slew Rate (SRCL).
5.3.5
DRIVING RESISTIVE AND
CAPACITIVE LOADS
The VOUT pin can drive up to 100 pF of capacitive load
in parallel with a 5 k
 resistive load (to meet electrical
specifications). VOUT drops slowly as the load resis-
tance decreases after about 3.5 k
. It is recommended
to use a load with RL greater than 2 k.
Refer to Section 2.0 “Typical Performance Curves” for
a detailed VOUT vs. Resistive Load characterization
graph.
Driving large capacitive loads can cause stability
problems for voltage feedback output amplifiers. As the
load capacitance increases, the feedback loop’s phase
margin decreases and the closed-loop bandwidth is
reduced. This produces gain peaking in the frequency
response with overshoot and ringing in the step
response. That is, since the VOUT pin’s voltage does
not quickly follow the buffer’s input voltage (due to the
large capacitive load), the output buffer will overshoot
the desired target voltage. Once the driver detects this
overshoot, it compensates by forcing it to a voltage
below the target. This causes voltage ringing on the
VOUT pin.
So, when driving large capacitive loads with the output
buffer, a small Series Resistor (RISO) at the output (see
Figure 5-7) improves the output buffer’s stability
(feedback loop’s phase margin) by making the output
load resistive at higher frequencies. The bandwidth will
be generally lower than the bandwidth with no
capacitive load.
FIGURE 5-7:
Circuit to Stabilize Output
Buffer for Large Capacitive Loads (CL).
The RISO resistor value for your circuit needs to be
selected. The resulting frequency response peaking
and step response overshoot for this RISO resistor
value should be verified on the bench. Modify the
RISO’s resistance value until the output characteristics
meet your requirements.
A method to evaluate the system’s performance is to
inject a step voltage on the VREF pin and observe the
VOUT pin’s characteristics.
Time
DACx = A
VOUT(A)
VOUT(B)
DACx = B
Slew Rate
VOUT B

VOUT A

–
T
--------------------------------------------------
=
Note:
Additional insight into circuit design for
driving capacitive loads can be found in
AN884, “Driving Capacitive Loads With
Op Amps” (DS00884).
Gain
VOUT
RISO
RL
CL
VCL
VW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com