Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47CMB01 Datasheet(PDF) 59 Page - Microchip Technology

Part # MCP47CMB01
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB01 Datasheet(HTML) 59 Page - Microchip Technology

Back Button MCP47CMB01 Datasheet HTML 55Page - Microchip Technology MCP47CMB01 Datasheet HTML 56Page - Microchip Technology MCP47CMB01 Datasheet HTML 57Page - Microchip Technology MCP47CMB01 Datasheet HTML 58Page - Microchip Technology MCP47CMB01 Datasheet HTML 59Page - Microchip Technology MCP47CMB01 Datasheet HTML 60Page - Microchip Technology MCP47CMB01 Datasheet HTML 61Page - Microchip Technology MCP47CMB01 Datasheet HTML 62Page - Microchip Technology MCP47CMB01 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 59
MCP47CXBXX
5.0
DAC CIRCUITRY
The Digital-to-Analog Converter circuitry converts a
digital value into its analog representation. This
description describes the functional operation of the
device.
The DAC circuit uses a resistor ladder implementation.
Devices have up to two DACs. Figure 5-1 shows the
functional block diagram for the MCP47CXBXX DAC
circuitry.
The functional blocks of the DAC include:
• Resistor Ladder
• Voltage Reference Selection
• Output Buffer/VOUT Operation
• Latch Pin (LAT)
• Power-Down Operation
FIGURE 5-1:
MCP47CXBXX DAC Module Block Diagram.
RS(2)
VREF
DAC
Output
RS(1)
RS(2n – 1)
RS(2n – 2)
RS(2n – 3)
RS(2n)
VDD
VRL
VOUT
PD1:PD0
VDD
PD1:PD0
VDD
VW
Band Gap
(1.214V typical)
VREF1:VREF0
and PD1:PD0
Selection
Internal Band Gap
Voltage
Reference
Selection
Resistor
Ladder
Output Buffer/VOUT
Operation
Power-Down
Operation
Power-Down
Operation
Power-Down
Operation
A (RL)
B
VREF1:VREF0
Where:
# Resistors in Resistor Ladder = 256 (MCP47CXB0X)
1024 (MCP47CXB1X)
4096 (MCP47CXB2X)
VW
DAC Register Value
# Resistor in Resistor Ladder
----------------------------------------------------------------------VRL
=
VDD
(~71 k
)
RRL
Gain
(1x or 2x)
PD1:PD0 and
VREF1:VREF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com