Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS154 Datasheet(PDF) 53 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 53 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 49Page - PADAUK Technology. PFS154 Datasheet HTML 50Page - PADAUK Technology. PFS154 Datasheet HTML 51Page - PADAUK Technology. PFS154 Datasheet HTML 52Page - PADAUK Technology. PFS154 Datasheet HTML 53Page - PADAUK Technology. PFS154 Datasheet HTML 54Page - PADAUK Technology. PFS154 Datasheet HTML 55Page - PADAUK Technology. PFS154 Datasheet HTML 56Page - PADAUK Technology. PFS154 Datasheet HTML 57Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 53 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
5.14. 11-bit PWM generation
Three 11-bit hardware PWM generators (PWMG0, PWMG1 & PWMG2) are implemented in the PFS154.
PWMG0 is used as the example to describe its functions due to all of them are almost the same. Their
individual outputs are listed as below:
 PWMG0 – PA0, PB4, PB5
 PWMG1 – PA4, PB6, PB7
 PWMG2 – PA3, PB2, PB3, PA5 (Note: PA5 open drain output only, users need to enable the internal
pull-high resistor or add an external pull-high resistor when using, and ICE does not support PA5 PWM
function.)
5.14.1
PWM Waveform
A PWM output waveform (Fig. 16) has a time-base (TPeriod = Time of Period) and a time with output high level
(Duty Cycle). The frequency of the PWM output is the inverse of the period (fPWM = 1/TPeriod), the resolution of
the PWM is the clock count numbers for one period (N bits resolution, 2
N × T
clock = TPeriod).
Fig. 16: PWM Output Waveform
Period
Duty Cycle
‧‧‧‧‧‧‧
clock
N bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com