Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS154 Datasheet(PDF) 68 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 68 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 64Page - PADAUK Technology. PFS154 Datasheet HTML 65Page - PADAUK Technology. PFS154 Datasheet HTML 66Page - PADAUK Technology. PFS154 Datasheet HTML 67Page - PADAUK Technology. PFS154 Datasheet HTML 68Page - PADAUK Technology. PFS154 Datasheet HTML 69Page - PADAUK Technology. PFS154 Datasheet HTML 70Page - PADAUK Technology. PFS154 Datasheet HTML 71Page - PADAUK Technology. PFS154 Datasheet HTML 72Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 68 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
6.33. PWMG0 Duty Value Low Register (pwmg0dtl), IO address = 0x23
Bit
Reset
R/W
Description
7 - 5
000
WO
Duty values bit [2:0] of PWMG0.
4 - 0
-
-
Reserved
Note: It’s necessary to write PWMG0 Duty_Value Low Register before writing PWMG0 Duty_Value High Register.
6.34. PWMG1 control Register (pwmg1c), IO address = 0x26
Bit
Reset
R/W
Description
7
0
R/W
Enable PWMG1. 0 / 1 : disable / enable.
6
-
RO
Output of PWMG1.
5
0
R/W
Enable to inverse the polarity of PWMG1 output. 0 / 1 : disable / enable.
4
0
R/W
PWMG1 counter reset.
Writing “1” to clear PWMG1 counter and this bit will be self clear to 0 after counter
reset.
3 - 1
0
R/W
Select PWMG1 output pin.
000: none
001: PB6
011: PA4
100: PB7
Others: reserved
0
0
R/W
Clock source of PWMG1. 0: SYSCLK, 1: IHRC
6.35. PWMG1 Scalar Register (pwmg1s), IO address = 0x27
Bit
Reset
R/W
Description
7
0
WO
PWMG1 interrupt mode.
0: Generate interrupt when counter matches the duty value
1: Generate interrupt when counter is 0.
6 - 5
0
WO
PWMG1 clock pre-scalar.
00 : ÷1
01 : ÷4
10 : ÷16
11 : ÷64
4 - 0
0
WO
PWMG1 clock divider.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com