Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS154 Datasheet(PDF) 33 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 33 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 29Page - PADAUK Technology. PFS154 Datasheet HTML 30Page - PADAUK Technology. PFS154 Datasheet HTML 31Page - PADAUK Technology. PFS154 Datasheet HTML 32Page - PADAUK Technology. PFS154 Datasheet HTML 33Page - PADAUK Technology. PFS154 Datasheet HTML 34Page - PADAUK Technology. PFS154 Datasheet HTML 35Page - PADAUK Technology. PFS154 Datasheet HTML 36Page - PADAUK Technology. PFS154 Datasheet HTML 37Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 33 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
5.5. 16-bit Timer (Timer16)
PFS154 provide a 16-bit hardware timer (Timer16/T16) and its clock source may come from system clock
(CLK), internal high RC oscillator (IHRC), internal low RC oscillator (ILRC) , external crystal oscillator (EOSC),
PA0 or PA4. Before sending clock to the 16-bit counter, a pre-scaling logic with divided-by-1, 4, 16 or 64 is
selectable for wide range counting. The 16-bit counter performs up-counting operation only, the counter initial
values can be stored from data memory by issuing the stt16 instruction and the counting values can be loaded
to data memory by issuing the ldt16 instruction. The interrupt request from Timer16 will be triggered by the
selected bit which comes from bit[15:8] of this 16-bit counter, rising edge or falling edge can be optional chosen
by register integs.4. The hardware diagram of Timer16 is shown as Fig. 4.
Fig. 4: Hardware diagram of Timer16
There are three parameters to define the Timer16 using; 1
st parameter is used to define the clock source of
Timer16, 2
nd parameter is used to define the pre-scalar and the 3rd one is to define the interrupt source.
T16M
IO_RW
0x06
$ 7~5:
STOP, SYSCLK, X, PA4_F, IHRC, EOSC, ILRC, PA0_F
// 1
st par.
$ 4~3:
/1, /4, /16, /64
// 2
nd par.
$ 2~0:
BIT8, BIT9, BIT10, BIT11, BIT12, BIT13, BIT14, BIT15
// 3
rd par.
User can choose the proper parameters of T16M to meet system requirement, examples as below:
$
T16M
SYSCLK, /64, BIT15;
// choose (SYSCLK/64) as clock source, every 2^16 clock to set INTRQ.2=1
// if system clock SYSCLK = IHRC / 2 = 8 MHz
// SYSCLK/64 = 8 MHz/64 = 8 uS, about every 524 mS to generate INTRQ.2=1
$
T16M
PA0, /1, BIT8;
// choose PA0 as clock source, every 2^9 to generate INTRQ.2=1
// receiving every 512 times PA0 to generate INTRQ.2=1
$
T16M
STOP;
// stop Timer16 counting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com