Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS154 Datasheet(PDF) 7 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 7 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 3Page - PADAUK Technology. PFS154 Datasheet HTML 4Page - PADAUK Technology. PFS154 Datasheet HTML 5Page - PADAUK Technology. PFS154 Datasheet HTML 6Page - PADAUK Technology. PFS154 Datasheet HTML 7Page - PADAUK Technology. PFS154 Datasheet HTML 8Page - PADAUK Technology. PFS154 Datasheet HTML 9Page - PADAUK Technology. PFS154 Datasheet HTML 10Page - PADAUK Technology. PFS154 Datasheet HTML 11Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 7 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
Major Differences between PMS154B/C and PFS154
Item
Function
PMS154B
PMS154C
PFS154
1
Operating
voltage range
2.2V~5.5V
1.8V~5.5V
2.0V~5.5V
2
11-bit PWM
One Set:
PWMG0
Three Sets:
PWMG0, PWMG1 & PWMG2
Three Sets:
PWMG0, PWMG1 & PWMG2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com