Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS154 Datasheet(PDF) 82 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 82 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 78Page - PADAUK Technology. PFS154 Datasheet HTML 79Page - PADAUK Technology. PFS154 Datasheet HTML 80Page - PADAUK Technology. PFS154 Datasheet HTML 81Page - PADAUK Technology. PFS154 Datasheet HTML 82Page - PADAUK Technology. PFS154 Datasheet HTML 83Page - PADAUK Technology. PFS154 Datasheet HTML 84Page - PADAUK Technology. PFS154 Datasheet HTML 85Page - PADAUK Technology. PFS154 Datasheet HTML 86Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 82 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
dzsn
a
Decrement ACC and skip next instruction if ACC is zero
Example:
dzsn
a;
Result:
A
←
A - 1,skip next instruction if a = 0
Affected flags: 『Y』Z
『Y』C
『Y』AC
『Y』OV
izsn
M
Increment memory and skip next instruction if memory is zero
Example:
izsn
MEM;
Result:
MEM
←
MEM + 1, skip next instruction if MEM= 0
Affected flags: 『Y』Z
『Y』C
『Y』AC
『Y』OV
dzsn
M
Decrement memory and skip next instruction if memory is zero
Example:
dzsn
MEM;
Result:
MEM
←
MEM - 1, skip next instruction if MEM = 0
Affected flags: 『Y』Z
『Y』C
『Y』AC
『Y』OV
7.7. System control Instructions
call
label
Function call, address can be full range address space
Example:
call
function1;
Result:
[sp]
←
pc + 1
pc
← function1
sp
←
sp + 2
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
goto
label
Go to specific address which can be full range address space
Example:
goto
error;
Result:
Go to error and execute program.
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
ret
I
Place immediate data to ACC, then return
Example:
ret
0x55;
Result:
A ← 55h
ret ;
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
ret
Return to program which had function call
Example:
ret;
Result:
sp
← sp - 2
pc
← [sp]
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
reti
Return to program that is interrupt service routine. After this command is executed, global
interrupt is enabled automatically.
Example: reti;
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
nop
No operation
Example:
nop;
Result:
nothing changed
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV
pcadd
a
Next program counter is current program counter plus ACC.
Example:
pcadd
a;
Result: pc
← pc + a
Affected flags: 『N』Z
『N』C
『N』AC
『N』OV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com