Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS154 Datasheet(PDF) 60 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 60 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 56Page - PADAUK Technology. PFS154 Datasheet HTML 57Page - PADAUK Technology. PFS154 Datasheet HTML 58Page - PADAUK Technology. PFS154 Datasheet HTML 59Page - PADAUK Technology. PFS154 Datasheet HTML 60Page - PADAUK Technology. PFS154 Datasheet HTML 61Page - PADAUK Technology. PFS154 Datasheet HTML 62Page - PADAUK Technology. PFS154 Datasheet HTML 63Page - PADAUK Technology. PFS154 Datasheet HTML 64Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 60 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
6.6. Timer 16 mode Register (t16m), IO address = 0x06
Bit
Reset R/W
Description
7 - 5
000
R/W
Timer Clock source selection
000: Timer 16 is disabled
001: CLK (system clock)
010: reserved
011: PA4 falling edge (from external pin)
100: IHRC
101: EOSC
110: ILRC
111: PA0 falling edge (from external pin)
4 - 3
00
R/W
Internal clock divider.
00: /1
01: /4
10: /16
11: /64
2 - 0
000
R/W
Interrupt source selection. Interrupt event happens when selected bit is changed.
0 : bit 8 of Timer16
1 : bit 9 of Timer16
2 : bit 10 of Timer16
3 : bit 11 of Timer16
4 : bit 12 of Timer16
5 : bit 13 of Timer16
6 : bit 14 of Timer16
7 : bit 15 of Timer16
6.7. External Oscillator setting Register (eoscr, write only), IO address = 0x0a
Bit
Reset
R/W
Description
7
0
WO
Enable external crystal oscillator.
0 / 1 : Disable / Enable
6 - 5
00
WO
External crystal oscillator selection.
00 : reserved
01 : Low driving capability, for lower frequency, ex: 32KHz crystal oscillator
10 : Middle driving capability, for middle frequency, ex: 1MHz crystal oscillator
11 : High driving capability, for higher frequency, ex: 4MHz crystal oscillator
4 - 1
-
-
Reserved. Please keep 0 for future compatibility.
0
0
WO
Power-down the Band-gap and LVR hardware modules. 0 / 1: normal / power-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com