Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS172 Datasheet(PDF) 39 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 39 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 35Page - PADAUK Technology. PFS172 Datasheet HTML 36Page - PADAUK Technology. PFS172 Datasheet HTML 37Page - PADAUK Technology. PFS172 Datasheet HTML 38Page - PADAUK Technology. PFS172 Datasheet HTML 39Page - PADAUK Technology. PFS172 Datasheet HTML 40Page - PADAUK Technology. PFS172 Datasheet HTML 41Page - PADAUK Technology. PFS172 Datasheet HTML 42Page - PADAUK Technology. PFS172 Datasheet HTML 43Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 39 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
5.5.3
Using the comparator and bandgap 1.20V
The internal bandgap module can provide 1.20 volt, it can measure the external supply voltage level. The
bandgap 1.20 volt is selected as minus input of comparator and Vinternal R is selected as plus input. The
supply voltage of Vinternal R is VDD, and the VDD voltage level can be detected by adjusting the voltage level
of Vinternal R to compare with bandgap. If N (gpcs[3:0] in decimal) is the number to let Vinternal R closest to
bandgap 1.20 volt, the supply voltage VDD can be calculated by using the following equations:
For using Case 1: VDD = [ 32 / (N+9) ] * 1.20 volt ;
For using Case 2: VDD = [ 24 / (N+1) ] * 1.20 volt ;
For using Case 3: VDD = [ 40 / (N+9) ] * 1.20 volt ;
For using Case 4: VDD = [ 32 / (N+1) ] * 1.20 volt ;
Case 1:
$ GPCS VDD*12/40;
//
4.0V * 12/40 = 1.2V
$ GPCC Enable, BANDGAP, P_R;
//
- input: BANDGAP, + input: P_R(
Vinternal R)
….
if
(GPC
_Out)
// or GPCC.6
{
//
when VDD﹥4V
}
else
{
//
when VDD﹤4V
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com