Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS172 Datasheet(PDF) 87 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 87 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 83Page - PADAUK Technology. PFS172 Datasheet HTML 84Page - PADAUK Technology. PFS172 Datasheet HTML 85Page - PADAUK Technology. PFS172 Datasheet HTML 86Page - PADAUK Technology. PFS172 Datasheet HTML 87Page - PADAUK Technology. PFS172 Datasheet HTML 88Page - PADAUK Technology. PFS172 Datasheet HTML 89Page - PADAUK Technology. PFS172 Datasheet HTML 90Page - PADAUK Technology. PFS172 Datasheet HTML 91Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 87 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
9. Special Notes
This chapter is to remind user who use PFS172 series IC in order to avoid frequent errors upon operation.
9.1. Warning
User must read all application notes of the IC by detail before using it. Please download the related
application notes from the following link:
http://www.padauk.com.tw/tw/technical/index.aspx
9.2. Using IC
9.2.1. IO pin usage and setting
(1)
IO pin is set to be digital input
 When IO is set as digital input, the level of Vih and Vil would changes with the voltage and temperature.
Please follow the minimum value of Vih and the maximum value of Vil.
 The value of internal pull high resistor would also changes with the voltage, temperature and pin
voltage. It is not the fixed value.
(2)
If IO pin is set to be digital input and enable wake-up function
 Configure IO pin as input.
 Set corresponding bit to “1” in PXDIER.
 If those IO pins of PA that are not used, such as PADIER [1:2], it should be set low in order to prevent
them from leakage.
(3) PA5 is set to be PRST# input pin
 Configure PA5 as input.
 Set CLKMD.0=1 to enable PA5 as PRST# input pin.
(4) PA7 and PA6 as external crystal oscillator
 Configure PA7 and PA6 as input
 Disable PA7 and PA6 internal pull-up resistor
 Configure PADIER register to set PA6 and PA7 as analog input
 EOSCR register bit [6:5] selects corresponding crystal oscillator frequency :
01 : for lower frequency, ex : 32KHz
10 : for middle frequency, ex : 455KHz, 1MHz
11 : for higher frequency, ex : 4MHz
 Program EOSCR.7 =1 to enable crystal oscillator
 Ensure EOSC working well before switching from IHRC or ILRC to EOSC
Note: Please read the PMC-APN013 carefully. According to PMC-APN013, the crystal oscillator should be
used reasonably. If the following situations happen to cause IC start-up slowly or non-startup, PADAUK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com