Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS172 Datasheet(PDF) 35 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 35 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 31Page - PADAUK Technology. PFS172 Datasheet HTML 32Page - PADAUK Technology. PFS172 Datasheet HTML 33Page - PADAUK Technology. PFS172 Datasheet HTML 34Page - PADAUK Technology. PFS172 Datasheet HTML 35Page - PADAUK Technology. PFS172 Datasheet HTML 36Page - PADAUK Technology. PFS172 Datasheet HTML 37Page - PADAUK Technology. PFS172 Datasheet HTML 38Page - PADAUK Technology. PFS172 Datasheet HTML 39Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 35 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
5.5. Comparator
One hardware comparator is built inside the PFS172; Fig.4 shows its hardware diagram. It can compare
signals between two pins or with either internal reference voltage Vinternal R or internal bandgap reference
voltage. The two signals to be compared, one is the plus input and the other one is the minus input. For the
minus input of comparator can be PA3, PA4, Internal bandgap 1.20 volt, PB6, PB7 or Vinternal R selected by bit
[3:1] of gpcc register, and the plus input of comparator can be PA4 or Vinternal R selected by bit 0 of gpcc
register.
The comparator result can be selected through gpcs.7 to forcibly output to PA0 whatever input or output state.
It can be a direct output or sampled by Timer2 clock (TM2_CLK) which comes from Timer2 module. The
output polarity can be also inverted by setting gpcc.4 register. The comparator output can be used to request
interrupt service or read through gpcc.6.
Fig.4: Hardware diagram of comparator
PA3/CIN-
PA4/CIN-
Bandgap
PB6/CIN-
PB7/CIN-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com