Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS172 Datasheet(PDF) 47 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 47 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 43Page - PADAUK Technology. PFS172 Datasheet HTML 44Page - PADAUK Technology. PFS172 Datasheet HTML 45Page - PADAUK Technology. PFS172 Datasheet HTML 46Page - PADAUK Technology. PFS172 Datasheet HTML 47Page - PADAUK Technology. PFS172 Datasheet HTML 48Page - PADAUK Technology. PFS172 Datasheet HTML 49Page - PADAUK Technology. PFS172 Datasheet HTML 50Page - PADAUK Technology. PFS172 Datasheet HTML 51Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 47 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
Example 3:
tm2c = 0b0001_1010, Y=8MHz
tm2b = 0b0011_1111, K=63
tm2s = 0b1_00_00000, S1=1, S2=0
 PWM output keep high
 duty of output = [(63+1) ÷ 64] × 100% = 100%
Example 4:
tm2c = 0b0001_1010, Y=8MHz
tm2b = 0b0000_0000, K=0
tm2s = 0b1_00_00000, S1=1, S2=0
 frequency = 8MHz ÷ ( 64 × 1 × (0+1) ) = 125KHz
 duty = [(0+1) ÷ 64] × 100% =1.5%
5.7.4
Complementary PWM with Dead Zones
User can get complementary PWM with dead zones by employing TM2 and TM3. Here provide an
example in which duty cycle and dead time are adjustable.
//------- These two parameters need be defined when T(PWM) = 256 us ----------
#define
PWM_pulse
70
//
70 us; Adjust it for a different duty cycle of TM2/TM3.
#define
dead_zone
30
//
30 us; Adjust it for the best dead time.
//--------Parameters for switching duty cycle -----------------------------------
#define
PWM_Pulse_a
100
//
100 us; Adjust it for a different duty cycle of TM2/TM3
#define
PWM_Pulse_b
160
//
160 us; Adjust it for a different duty cycle of TM2/TM3
#define
t_delay
500
//
500 us; Switching time of duty cycle
void
FPPA0 (void)
{
// SYSCLK must quicker than Timer2’s clock. Here set SYSCLK=2MHz to capture Tm2ct = 0.
.ADJUST_IC SYSCLK=IHRC/8, IHRC=16MHz, VDD=3.3V, Init_ram;
//******Generate complementary PWM with dead zones in a fixed-duty cycle****************
//------Set the counter upper bound, duty cycle and TMXCT -----------
$ TM2S 8BIT,/4,/4
//
16MHz /4 /4 /256
= 1MHz / 256 =
256 us
TM2B
=
PWM_pulse - 1;
$ TM3S 8BIT,/4,/4
//
16MHz /4 /4 /256
TM3B
=
PWM_pulse + 2 * dead_zone - 1;
TM2CT
=
0;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com