Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS172 Datasheet(PDF) 27 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 27 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 23Page - PADAUK Technology. PFS172 Datasheet HTML 24Page - PADAUK Technology. PFS172 Datasheet HTML 25Page - PADAUK Technology. PFS172 Datasheet HTML 26Page - PADAUK Technology. PFS172 Datasheet HTML 27Page - PADAUK Technology. PFS172 Datasheet HTML 28Page - PADAUK Technology. PFS172 Datasheet HTML 29Page - PADAUK Technology. PFS172 Datasheet HTML 30Page - PADAUK Technology. PFS172 Datasheet HTML 31Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 27 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
5. Functional Description
5.1. Program Memory - MTP
The MTP (Multiple Time Programmable) program memory is used to store the program instructions to be
executed. The MTP program memory may contains the data, tables and interrupt entry. After reset, the
program will start from the initial address 0x000 which is GOTO FPPA0 instruction usually. The interrupt entry
is 0x10 if used, the last 32 addresses are reserved for system using, like checksum, serial number, etc. The
MTP program memory for PFS172 is 2KW that is partitioned as Table 1. The MTP memory from address
0X7E0 to 0x7FF is for system using, address space from 0x001 to 0x00F and from 0x011 to 0X7DF are user
program spaces.
Address
Function
0x000
GOTO FPPA0 instruction
0x001
User program
•
•
0x00F
User program
0x010
Interrupt entry address
0x011
User program
•
•
0x7DF
User program
0X7E0
System Using
•
•
0x7FF
System Using
Table 1: Program Memory Organization
5.2. Boot Procedure
POR (Power-On-Reset) is used to reset PFS172 when power up. The boot up time can be optional fast or
normal. Customer must ensure the stability of supply voltage after power up no matter which option is chosen,
the power up sequence is shown in the Fig. 1 and tSBP is the boot up time.
Fig.1: Power-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com