Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFS172 Datasheet(PDF) 65 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 65 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 61Page - PADAUK Technology. PFS172 Datasheet HTML 62Page - PADAUK Technology. PFS172 Datasheet HTML 63Page - PADAUK Technology. PFS172 Datasheet HTML 64Page - PADAUK Technology. PFS172 Datasheet HTML 65Page - PADAUK Technology. PFS172 Datasheet HTML 66Page - PADAUK Technology. PFS172 Datasheet HTML 67Page - PADAUK Technology. PFS172 Datasheet HTML 68Page - PADAUK Technology. PFS172 Datasheet HTML 69Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 65 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
6.16. Port B Control Register (pbc), IO address = 0x16
Bit
Reset
R/W
Description
7 - 0
0x00
R/W
Port B control register. This register is used to define input mode or output mode for each
corresponding pin of port B.
0 / 1: input / output
6.17. Port B Pull-High Register (pbph), IO address = 0x17
Bit
Reset
R/W
Description
7 - 0
0x00
R/W
Port B pull-high register. This register is used to enable the internal pull-high device on each
corresponding pin of port B and this pull high function is active only for input mode.
0 / 1 : disable / enable
6.18. Port B Pull-Low Register (pbpl), IO address = 0x18
Bit
Reset
R/W
Description
7 -0
0x00
R/W
PB pull-low register. 0 / 1: Disable / Enable.
6.19. ADC Control Register (adcc), IO address = 0x20
Bit
Reset
R/W
Description
7
0
R/W
Enable ADC function. 0/1: Disable/Enable.
6
0
R/W
ADC process control bit.
Write “1” to start conversion
Read “1” to indicate the ADC is ready or end of conversion.
5 - 2
0000
R/W
Channel selector. These four bits are used to select input signal for AD conversion.
0000: PB0/AD0,
0001: PB1/AD1,
0010: PB2/AD2,
0011: PB3/AD3,
0100: PB4/AD4,
0101: PB5/AD5,
0110: PB6/AD6,
0111: PB7/AD7,
1000: PA3/AD8,
1001: PA4/AD9,
1010: PA0/AD10,
1111: (Channel F) Bandgap reference voltage
Others: reserved
0 - 1
-
-
Reserved. (keep 0 for future compatibility)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com