Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47L16 Datasheet(PDF) 18 Page - Microchip Technology

Part # 47L16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L16 Datasheet(HTML) 18 Page - Microchip Technology

Back Button 47L16 Datasheet HTML 14Page - Microchip Technology 47L16 Datasheet HTML 15Page - Microchip Technology 47L16 Datasheet HTML 16Page - Microchip Technology 47L16 Datasheet HTML 17Page - Microchip Technology 47L16 Datasheet HTML 18Page - Microchip Technology 47L16 Datasheet HTML 19Page - Microchip Technology 47L16 Datasheet HTML 20Page - Microchip Technology 47L16 Datasheet HTML 21Page - Microchip Technology 47L16 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
47L04/47C04/47L16/47C16
DS20005371C-page 18
 2015-2016 Microchip Technology Inc.
2.4.3
CONTROL REGISTER WRITE
OPERATION
When the Control registers are selected and the R/W
bit in the control byte is set to ‘0’, a write operation is
selected and the next byte received is interpreted as
the register address. The Most Significant address bits
are transferred first, followed by the less significant
bits. The register address is decoded as soon as it is
received and has no effect on future operations.
The register address must be a valid Control register
address listed in Table 2-4, otherwise the 47XXX will
not acknowledge the address, the current operation
will be terminated, and any data transmitted on the
SDA line will be ignored until a new operation is begun
with a Start condition.
After receiving the Acknowledge signal from the
47XXX following the register address, the master will
transmit the data byte to be written to the addressed
register.
If the data byte is valid, the 47XXX acknowledges
again and the master generates a Stop condition.
For a STATUS register write operation, any data byte
value is valid. However, for COMMAND register write
operations, only the commands listed in Table 2-6 are
valid. If a different command value is received, the
47XXX will not acknowledge the command, the
current operation will be terminated, and any data
transmitted on the SDA line will be ignored until a new
operation is begun with a Start condition.
FIGURE 2-9:
CONTROL REGISTER WRITE
2.4.4
CONTROL REGISTER READ
OPERATION
When the Control registers are selected and the R/W
bit in the control byte is set to ‘1’, a read operation is
selected. For read operations, the register address is
not transmitted. Since the COMMAND register is
write-only, all Control register read operations access
the STATUS register.
During read operations, the master device generates
the Acknowledge bit after each data byte, and it is this
bit which determines whether the operation will con-
tinue or end. A ‘0’ (Acknowledge) bit requests more
data and continues the read, while a ‘1’ (No Acknowl-
edge) bit ends the read operation.
Upon receipt of the control byte with the R/W bit set to
‘1’, the 47XXX issues an Acknowledge and transmits
the 8-bit STATUS register value. The master will not
acknowledge the transfer, but does generate a Stop
condition and the 47XXX discontinues transmission
(Figure 2-10).
FIGURE 2-10:
CONTROL REGISTER
READ
Note 1:
When writing to the COMMAND register,
the master must send exactly one data
byte. If additional data bytes are sent,
then the 47XXX will not acknowledge the
data bytes and will abort the operation.
2:
Multiple data bytes are allowed when
writing to the STATUS register. The last
data byte received will be written.
Bus Activity
Master
SDA Line
Bus Activity
S
T
A
R
T
Control
Byte
Address
Byte
Data
S
T
O
P
A
C
K
A
C
K
A
C
K
S 00 11
0
A
2
A
1
P
0
TWC(1)
TSTORE(1)
TRECALL(1)
Note 1:
After the Stop condition, a delay must be observed for the command to execute: TWC for STATUS register writes,
TSTORE for Software Store commands, and TRECALL for Software Recall commands.
Note:
If the master acknowledges the data
byte, the 47XXX will retransmit the 8-bit
STATUS register value.
Bus Activity
Master
SDA Line
Bus Activity
P
S
S
T
O
P
Control
Byte
S
T
A
R
T
Register
A
C
K
N
O
A
C
K
01
01 AA
1
Byte
21
0
STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com