Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47L16 Datasheet(PDF) 3 Page - Microchip Technology

Part # 47L16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L16 Datasheet(HTML) 3 Page - Microchip Technology

  47L16 Datasheet HTML 1Page - Microchip Technology 47L16 Datasheet HTML 2Page - Microchip Technology 47L16 Datasheet HTML 3Page - Microchip Technology 47L16 Datasheet HTML 4Page - Microchip Technology 47L16 Datasheet HTML 5Page - Microchip Technology 47L16 Datasheet HTML 6Page - Microchip Technology 47L16 Datasheet HTML 7Page - Microchip Technology 47L16 Datasheet HTML 8Page - Microchip Technology 47L16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
 2015-2016 Microchip Technology Inc.
DS20005371C-page 3
47L04/47C04/47L16/47C16
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings(†)
VCC.............................................................................................................................................................................6.5V
A1, A2, SDA, SCL, HS pins w.r.t. VSS.......................................................................................................... -0.6V to 6.5V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature under bias.............................................................................................................-40°C to +125°C
ESD protection on all pins........................................................................................................................................ ≥4kV
† NOTICE
: Stresses above those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above those
indicated in the operational listings of this specification is not implied. Exposure to maximum rating conditions for an
extended period of time may affect device reliability.
TABLE 1-1:
DC CHARACTERISTICS
DC CHARACTERISTICS
47LXX:
VCC = 2.7V to 3.6V
47CXX:
VCC = 4.5V to 5.5V
Industrial (I):
TA = -40°C to +85°C
Automotive (E): TA = -40°C to +125°C
Param.
No.
Symbol
Characteristic
Min.
Typ.
Max.
Units
Conditions
D1
VIH
High-Level Input Voltage
0.7
VCC
—VCC+1
V
D2
VIL
Low-Level Input Voltage
-0.3
—
0.3
VCC
V
D3
VOL
Low-Level Output Voltage
—
—
0.4
V
IOL = 3.0 mA
D4
VHYS
Hysteresis of Schmitt
Trigger Inputs (SDA, SCL
pins)
0.05
VCC
——
V
Note 1
D5
ILI
Input Leakage Current
(SDA, SCL pins)
——
±1
µA
VIN = VSS or VCC
D6
ILO
Output Leakage Current
(SDA pin)
——
±1
µA
VOUT = VSS or VCC
D7
RIN
Input Resistance to VSS
(A1, A2, HS pins)
50
—
—
kΩ
VIN = VIL (max.)
750
—
—
kΩ
VIN = VIH (min.)
D8
CINT
Internal Capacitance
(all inputs and outputs)
——
7
pF
TA = +25°C, FREQ = 1 MHz,
VCC = 5.5V (Note 1)
D9
ICC Active
Operating Current
—
200
400
µA
VCC = 5.5V, FCLK = 1 MHz
—
150
300
µA
VCC = 3.6V, FCLK = 1 MHZ
D10
ICC Recall Recall Current (Note 2)
—
—
700
µA
VCC = 5.5V
—
300
500
µA
VCC = 3.6V
D11
ICC Store
Manual Store Current
(Note 2)
—
—
2000
µA
VCC = 5.5V
—
—
1000
µA
VCC = 3.6V
D12
ICC
Auto-Store
Auto-Store Current
(Notes 1, 2 and 3)
—
400
—
µA
VCC, VCAP = VTRIP (min.)
47CXX
—
300
—
µA
VCC, VCAP = VTRIP (min.)
47LXX
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
Store and Recall currents are specified as an average current across the entire operation.
3:
CVCAP required when Auto-Store is enabled (ASE = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com