Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47L16 Datasheet(PDF) 2 Page - Microchip Technology

Part # 47L16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L16 Datasheet(HTML) 2 Page - Microchip Technology

  47L16 Datasheet HTML 1Page - Microchip Technology 47L16 Datasheet HTML 2Page - Microchip Technology 47L16 Datasheet HTML 3Page - Microchip Technology 47L16 Datasheet HTML 4Page - Microchip Technology 47L16 Datasheet HTML 5Page - Microchip Technology 47L16 Datasheet HTML 6Page - Microchip Technology 47L16 Datasheet HTML 7Page - Microchip Technology 47L16 Datasheet HTML 8Page - Microchip Technology 47L16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
47L04/47C04/47L16/47C16
DS20005371C-page 2
 2015-2016 Microchip Technology Inc.
Typical Application Schematic Auto Store Mode (ASE = 1)
Typical Application Schematic Manual Store Mode (ASE = 0)
Package Types
VCC
VCC
SCL
SDA
HS
VSS
VCC
1
4
5
7
6
8
PIC® MCU
47XXX
VCAP
VCC
CVCAP
VCC
VCC
SCL
SDA
HS
VSS
VCC
1
4
5
7
6
8
PIC® MCU
47XXX
VCAP
VCC
VCAP
A1
A2
VSS
VCC
HS
SCL
SDA
1
2
3
4
8
7
6
5
PDIP/SOIC/TSSOP
(8-pin)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com