Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47L16 Datasheet(PDF) 1 Page - Microchip Technology

Part # 47L16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L16 Datasheet(HTML) 1 Page - Microchip Technology

  47L16 Datasheet HTML 1Page - Microchip Technology 47L16 Datasheet HTML 2Page - Microchip Technology 47L16 Datasheet HTML 3Page - Microchip Technology 47L16 Datasheet HTML 4Page - Microchip Technology 47L16 Datasheet HTML 5Page - Microchip Technology 47L16 Datasheet HTML 6Page - Microchip Technology 47L16 Datasheet HTML 7Page - Microchip Technology 47L16 Datasheet HTML 8Page - Microchip Technology 47L16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
 2015-2016 Microchip Technology Inc.
DS20005371C-page 1
47L04/47C04/47L16/47C16
Device Selection Table
Features
• 4 Kbit/16 Kbit SRAM with EEPROM Backup:
- Internally organized as 512 x 8 bits (47X04)
or 2,048 x 8 bits (47X16)
- Automatic Store to EEPROM array upon
power-down (using optional external
capacitor)
- Automatic Recall to SRAM array upon
power-up
- Hardware Store pin for manual Store
operations
- Software commands for initiating Store and
Recall operations
- Store time 8 ms maximum (47X04) or
25 ms maximum (47X16)
• Nonvolatile External Event Detect Flag
• High Reliability:
- Infinite read and write cycles to SRAM
- More than one million store cycles to
EEPROM
- Data retention: >200 years
- ESD protection: >4,000V
• High-Speed I2C Interface:
- Industry standard 100 kHz, 400 kHz and
1MHz
- Zero cycle delay reads and writes
- Schmitt Trigger inputs for noise suppression
- Cascadable up to four devices
• Write Protection:
- Software write protection from 1/64 of SRAM
array to whole array
• Low-Power CMOS Technology:
- 200 µA active current typical
- 40 µA standby current (maximum)
• 8-Lead PDIP, SOIC, and TSSOP Packages
• Available Temperature Ranges:
Description
The
Microchip
Technology
Inc.
47L04/47C04/47L16/47C16 (47XXX) is a 4/16 Kbit
SRAM with EEPROM backup. The device is organized
as 512 x 8 bits or 2,048 x 8 bits of memory, and
utilizes the I2C serial interface. The 47XXX provides
infinite read and write cycles to the SRAM while
EEPROM cells provide high-endurance nonvolatile
storage of data. With an external capacitor, SRAM
data is automatically transferred to the EEPROM upon
loss of power. Data can also be transferred manually
by using either the Hardware Store pin or software
control. Upon power-up, the EEPROM data is
automatically recalled to the SRAM. Recall can also
be initiated through software control.
The 47XXX is available in the 8-lead PDIP, SOIC, and
TSSOP packages.
Block Diagram
Part Number
Density (bits)
VCC
Range
Max. Clock
Frequency
Temperature
Ranges
Packages
47L04
4K
2.7-3.6V
1 MHz
I, E
P, SN, ST
47C04
4K
4.5-5.5V
1 MHz
I, E
P, SN, ST
47L16
16K
2.7-3.6V
1 MHz
I, E
P, SN, ST
47C16
16K
4.5-5.5V
1 MHz
I, E
P, SN, ST
- Industrial (I):
-40°C to
+85°C
- Automotive (E):
-40°C to +125°C
Power
I2C Control Logic
Memory Address
and Data Control
Logic
Slave Address
VCC
Control
Block
VCAP
Decoder
EEPROM
512 x 8
RECALL
STORE
SDA
SCL
A2, A1
HS
2K x 8
SRAM
512 x 8
Status Register
2K x 8
4K/16K I2C Serial EERAM


Similar Part No. - 47L16

ManufacturerPart #DatasheetDescription
logo
International Rectifier
47L160D IRF-47L160D Datasheet
67Kb / 7P
STANDARD RECOVERY DIODES
More results

Similar Description - 47L16

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK6002A AKM-AK6002A Datasheet
176Kb / 18P
I2C BUS 2K/4K/16K BIT SERIAL CMOS EEPROM
logo
Microchip Technology
24AA16 MICROCHIP-24AA16_03 Datasheet
317Kb / 24P
16K I2C??Serial EEPROM
2003
24AA16 MICROCHIP-24AA16_09 Datasheet
557Kb / 32P
16K I2C??Serial EEPROM
2009
24AA04 MICROCHIP-24AA04_09 Datasheet
663Kb / 34P
4K I2C??Serial EEPROM
2009
24LC04B-ESN MICROCHIP-24LC04B-ESN Datasheet
663Kb / 34P
4K I2C??Serial EEPROM
2009
24AA16 MICROCHIP-24AA16_12 Datasheet
1Mb / 40P
16K I2C??Serial EEPROM
11/29/12
24AA16T-I MICROCHIP-24AA16T-I Datasheet
423Kb / 26P
16K I2C Serial EEPROM
12/08/06
24LC04B MICROCHIP-24LC04B Datasheet
343Kb / 26P
4K I2C Serial EEPROM
12/08/06
24LC16B MICROCHIP-24LC16B Datasheet
423Kb / 26P
16K I2C Serial EEPROM
12/08/06
24LC16B MICROCHIP-24LC16B_16 Datasheet
381Kb / 26P
16K I2C Serial EEPROM
07/14/15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com