Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47L16 Datasheet(PDF) 17 Page - Microchip Technology

Part # 47L16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L16 Datasheet(HTML) 17 Page - Microchip Technology

Back Button 47L16 Datasheet HTML 13Page - Microchip Technology 47L16 Datasheet HTML 14Page - Microchip Technology 47L16 Datasheet HTML 15Page - Microchip Technology 47L16 Datasheet HTML 16Page - Microchip Technology 47L16 Datasheet HTML 17Page - Microchip Technology 47L16 Datasheet HTML 18Page - Microchip Technology 47L16 Datasheet HTML 19Page - Microchip Technology 47L16 Datasheet HTML 20Page - Microchip Technology 47L16 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
 2015-2016 Microchip Technology Inc.
DS20005371C-page 17
47L04/47C04/47L16/47C16
2.4.2
COMMAND REGISTER
The COMMAND register is a write-only register that
allows the user to execute software-controlled Store
and Recall operations. There are two commands that
can be executed, as shown in Table 2-6:
• The Software Store command initiates a manual
Store operation. The 47XXX cannot be accessed
for TSTORE time after this command has been
received. During this time, the 47XXX will not
acknowledge any communication. The Software
Store command will execute regardless of the
state of the AM and ASE bits in the STATUS
register. The AM bit will be cleared at the end of
the Store operation.
• The Software Recall command initiates a manual
Recall operation. The 47XXX cannot be accessed
for TRECALL time after this command has been
received.
During this time, the 47XXX will not acknowledge
any communication. The AM bit will be cleared at
the end of the Recall operation.
Note:
If a capacitor is not connected to the
VCAP pin, then the VCAP pin must be
connected to VCC and the user must
ensure that power is not lost during a
Store operation, otherwise data corrup-
tion may occur.
TABLE 2-6:
COMMAND SET
Command
Value
Description
Software
Store
0011 0011
Store SRAM data to
EEPROM
Software
Recall
1101 1101
Recall data from
EEPROM to SRAM
REGISTER 2-2:
COMMAND REGISTER
WW
W
W
W
W
W
W
CMD7
CMD6
CMD5
CMD4
CMD3
CMD2
CMD1
CMD0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-0
CMD<7:0>:
Command bits
00110011
= Executes a Software Store command
11011101
= Executes a Software Recall command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com