Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

47L16 Datasheet(PDF) 4 Page - Microchip Technology

Part # 47L16
Description  4K/16K I2C Serial EERAM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

47L16 Datasheet(HTML) 4 Page - Microchip Technology

  47L16 Datasheet HTML 1Page - Microchip Technology 47L16 Datasheet HTML 2Page - Microchip Technology 47L16 Datasheet HTML 3Page - Microchip Technology 47L16 Datasheet HTML 4Page - Microchip Technology 47L16 Datasheet HTML 5Page - Microchip Technology 47L16 Datasheet HTML 6Page - Microchip Technology 47L16 Datasheet HTML 7Page - Microchip Technology 47L16 Datasheet HTML 8Page - Microchip Technology 47L16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
47L04/47C04/47L16/47C16
DS20005371C-page 4
 2015-2016 Microchip Technology Inc.
D13
ICC Status
Write
Status Write Current
—
—
1000
µA
VCC = 5.5V
——
800
µA
VCC = 3.6V
D14
ICCS
Standby Current
—
—
40
µA
SCL, SDA, VCAP, VCC =5.5V
—
—
40
µA
SCL, SDA, VCAP, VCC =3.6V
D15
VTRIP
Auto-Store/Auto-Recall
Trip Voltage
4.0
—
4.4
V
47CXX
2.4
—
2.6
V
47LXX
D16
VPOR
Power-On Reset Voltage
—
1.1
—
V
D17
CB
Bus Capacitance
—
—
400
pF
D18
CVCAP
Auto-Store Capacitance
(Notes 1 and 3)
3.5
4.7
—
µF
47C04
56.8
—
µF
47C16
5
6.8
—
µF
47L04
8
10
—
µF
47L16
TABLE 1-1:
DC CHARACTERISTICS (CONTINUED)
DC CHARACTERISTICS
47LXX:
VCC = 2.7V to 3.6V
47CXX:
VCC = 4.5V to 5.5V
Industrial (I):
TA = -40°C to +85°C
Automotive (E): TA = -40°C to +125°C
Param.
No.
Symbol
Characteristic
Min.
Typ.
Max.
Units
Conditions
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
Store and Recall currents are specified as an average current across the entire operation.
3:
CVCAP required when Auto-Store is enabled (ASE = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com