Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012ACPZN-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL6012ACPZN-R7
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012ACPZN-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADL6012ACPZN-R7 Datasheet HTML 1Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 2Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 3Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADL6012
Rev. 0 | Page 3 of 24
SPECIFICATIONS
VPOS = 5.0 V, ENBL = 5.0 V, VOCM = 2.5 V, case temperature (TC) = 25°C, continuous wave (CW) input, 50 Ω source impedance,
input power (PIN) = 10 dBm, RF frequency (fRF) = 18 GHz, unless otherwise noted. Envelope outputs are with a differential, open load,
unless otherwise noted. See Figure 68 for the schematic.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF INPUT INTERFACE
RFIN (Pin 3)
Operating Frequency Range
2
67
GHz
Operating Input Power Range
−25
+15
dBm
Input Return Loss
Reference characteristic impedance
(ZO) = 50 Ω
10
dB
DETECTOR RESPONSE
RFIN to differential VENV± output
OUTPUT DRIFT vs. TEMPERATURE1
−55°C < TC < +125°C
2 GHz
±0.5
dB
5.8 GHz
±0.5
dB
10 GHz
±0.5
dB
18 GHz
±0.5
dB
28 GHz
±0.5
dB
38 GHz
±0.6
dB
40 GHz
±1
dB
43.5 GHz
±1
dB
52 GHz
±1
dB
60 GHz
±1
dB
67 GHz
±1.2
dB
−40°C < TC < +105°C
2 GHz
±0.4
dB
5.8 GHz
±0.4
dB
10 GHz
±0.4
dB
18 GHz
±0.4
dB
28 GHz
±0.4
dB
38 GHz
±0.5
dB
40 GHz
±0.9
dB
43.5 GHz
±0.9
dB
52 GHz
±0.8
dB
60 GHz
±0.8
dB
67 GHz
±1.0
dB
DETECTOR GAIN2
2 GHz
1.967
V/VPEAK
5.8 GHz
1.82
V/VPEAK
10 GHz
1.776
V/VPEAK
18 GHz
1.677
V/VPEAK
28 GHz
1.868
V/VPEAK
38 GHz
1.554
V/VPEAK
40 GHz
1.718
V/VPEAK
43.5 GHz
1.799
V/VPEAK
52 GHz
1.095
V/VPEAK
60 GHz
0.505
V/VPEAK
67 GHz
0.294
V/VPEAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com