Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012ACPZN-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL6012ACPZN-R7
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012ACPZN-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL6012ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADL6012
Data Sheet
Rev. 0 | Page 16 of 24
0
80
60
40
70
50
30
20
10
INPUT FREQUENCY (GHz)
2.5
0
1.5
1.0
0.5
2.0
Figure 51. Detector Gain vs. Input Frequency
0
20
40
60
80
100
120
0.001
0.1
1
10
100
1000
FREQUENCY(MHz)
Figure 52. Power Supply Rejection Ratio (PSRR) vs. Frequency, 200 mV p-p at
the VPOS Pin (See Figure 58 for the PSRR Measurement Setup)
0
1000
800
600
400
200
FREQUENCY (MHz)
–135
–160
–145
–150
–155
–140
PIN = +15dBm
PIN = 0dBm
PIN = –15dBm
NO PIN
VPOS = 5V
Figure 53. Output Spectral Noise Density vs. Frequency, RFIN = 3 GHz
–40
20
0
–20
INPUT POWER (dBm)
10
0.001
0.01
0.1
1
2GHz
5.8GHz
10GHz
18GHz
28GHz
38GHz
40GHz
43.5GHz
52GHz
60GHz
67GHz
Figure 54. Differential Envelope Output vs. Input Power at Various
Frequencies at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com