Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012ACPZN-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADL6012ACPZN-R7
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012ACPZN-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADL6012ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 22Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADL6012
Rev. 0 | Page 19 of 24
THEORY OF OPERATION
The ADL6012 uses Schottky diodes in a two path detector
topology. One path responds during the positive half cycles of
the input, and the other responds during the negative half
cycles of the input, achieving full wave signal detection. This
arrangement presents a constant input impedance throughout
the full RF cycle, preventing the reflection of even order harmonic
distortion components back toward the source. This reflection
is a well known phenomenon of widely used, traditional, single-
Schottky diode detectors. Detector response time at lower RF
frequencies is also improved with symmetrical detection.
The diodes are arranged on the chip to minimize the effect of
chip stresses and temperature variations. The diodes are biased
by small, keep alive currents chosen in a trade-off between the
inherently low sensitivity of a diode detector and the need to
preserve envelope bandwidth. Therefore, the corner frequency
of the front-end, low-pass filtering is a weak function of the
input level. At low input levels, the −3 dB corner frequency is at
approximately 2 GHz.
DC voltages at the RFIN pin (Pin 3) are blocked by an on-chip
capacitor. The two RFCM ground pins, Pin 2 and Pin 4, on
either side of RFIN form part of an RF coplanar waveguide
(CPWG) launch into the detector. The RFCM pins must be
connected to the signal ground. Give careful attention to the
design of the PCB in this area.
The output stage impedance is 100 Ω differential with propagation
delay under 1 ns, and an envelope bandwidth over 500 MHz.
The differential outputs, VENV+ and VENV− (Pin 8 and Pin 9,
respectively) provide the high speed envelope information for
both the positive and negative cycles of the RF input signal.
BASIC CONNECTIONS
The basic connections are shown in Figure 59. A dc supply of
nominally 3.3 V to 5 V is required. The bypass capacitors (C2
and C3) provide supply decoupling for the device. Place these
capacitors as close as possible to VPOS (Pin 5). The exposed
pad is internally connected to the IC ground and must be soldered
down to a low impedance ground on the PCB. OCOM (Pin 6)
is the output common. Connect OCOM to a low impedance
ground plane together with the exposed pad. DCPL (Pin 10) is
connected to an internal bias node. Place a 0.1 µF capacitor to
ground for the best common-mode noise rejection.
RFIN
ENBL
RFCM
RFIN
EPAD
DCPL
VENV+
VENV–
VENV+
VENV–
0.1µF
0.1µF
1
2
10
9
8
ADL6012
3
RFCM
VPOS
VOCM
OCOM
4
7
6
5
C3
100pF
C2
1µF
C1
0.1µF
+5V
+5V
Figure 59. Basic Connections
RF INPUT
The RFIN single-ended input is internally terminated and
internally ac-coupled. No external matching is required up to
67 GHz. The simplified input stage is shown in Figure 60. The
input trace can be directly routed with CPWG with ground on
both sides of the signal trace shown in Figure 65 and Figure 66.
Broadband response is achieved with small vias on both sides of
the signal trace and microwave dielectric material. The trace
width, gap, and dielectric thickness for the CPWG is designed
to the characteristic impedance of 50 Ω to ensure the
broadband matching is achieved for the best frequency flatness.
The RFCM pins are the ground return to the RF input. It is
critical that these pins are connected to the low impedance
ground plane, and serve as ground for the CPWG.
RFCM
RFIN
200Ω
ENVELOPE
–
+
200Ω
RFCM
Figure 60. Input Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com