Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012ACPZN-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL6012ACPZN-R7
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012ACPZN-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL6012ACPZN-R7 Datasheet HTML 4Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 5Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 6Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 7Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 8Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 9Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 10Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADL6012
Data Sheet
Rev. 0 | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
–30
20
10
0
15
5
–5
–10
–15
–20
–25
PIN (dBm)
10
0.001
0.01
0.1
1
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
Figure 3. Differential VENV± Output Voltage vs. Input Power (PIN) for Various
Temperatures at 2 GHz
–30
20
10
0
15
5
–5
–10
–15
–20
–25
PIN (dBm)
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
10
0.001
0.01
0.1
1
Figure 4. Differential VENV± Output Voltage vs. PIN for Various Temperatures
at 5.8 GHz
–30
20
10
0
15
5
–5
–10
–15
–20
–25
PIN (dBm)
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
10
0.001
0.01
0.1
1
Figure 5. Differential VENV± Output Voltage vs. PIN for Various Temperatures
at 10 GHz
–30
20
10
0
15
5
–5
–10
–15
–20
–25
PIN (dBm)
10
0.001
0.01
0.1
1
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
Figure 6. Differential VENV± Output Voltage vs. PIN for Various Temperatures
at 18 GHz
–30
20
10
0
15
5
–5
–10
–15
–20
–25
PIN (dBm)
10
0.001
0.01
0.1
1
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
Figure 7. Differential VENV± Output Voltage vs. PIN for Various Temperatures
at 28 GHz
–30
15
10
0
5
–5
–10
–15
–20
–25
PIN (dBm)
+125°C
+105°C
+85°C
+25°C
–40°C
–55°C
10
0.001
0.01
0.1
1
Figure 8. Differential VENV± Output Voltage vs. PIN for Various Temperatures
at 38 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com