Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012ACPZN-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADL6012ACPZN-R7
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012ACPZN-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADL6012ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 19Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 20Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 21Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADL6012
Data Sheet
Rev. 0 | Page 18 of 24
EVALUATION BOARD
POWER
SUPPLY
ADL6012
HP 6625A
5V
BIAS TEE
PS 5575A
VPOS
RFIN
VENV+
VENV–
PORT 1
PORTS
PORT 2
COMBINER
NETWORK ANALYZER
HP 8753D
NOTES
1. REMOVE ALL DECOUPLING CAPACITORS FROM POWER SUPPLY NODE ON THE EVALUATION BOARD.
2. MEASURE AND ACCOUNT FOR SIGNAL ATTENUATION ON POWER SUPPLY NODE.
MINI-CIRCUITS
ZFSCJ-2-2
0.01MHz TO 20MHz
SBTCJ-1W+ 1MHz TO 750MHz
ZFSCJ-2-4
50MHz TO 1GHz
50Ω
Figure 58. Setup for PSRR Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com