Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6012ACPZN-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADL6012ACPZN-R7
Description  2 GHz to 67 GHz, 500 MHz Bandwidth Envelope Detector
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6012ACPZN-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADL6012ACPZN-R7 Datasheet HTML 11Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 12Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 13Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 14Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 15Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 16Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 17Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 18Page - Analog Devices ADL6012ACPZN-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADL6012
Rev. 0 | Page 15 of 24
1M
10G
1G
100M
10M
VENV± FREQUENCY (Hz)
50% (0dBm)
10% (0dBm)
90% (0dBm)
10% (–6dBm)
AM DEPTH
5
–25
–20
–5
–10
–15
0
Figure 45. Envelope Bandwidth of VENV± vs. VENV± Frequency and
Amplitude Modulation (AM) Depth
–6
–4
–2
–12
–7
–2
3
8
OUTPUT CURRENT (mA)
+15dBm
+10dBm
+5dBm
0dBm
–5dBm
–10dBm
–15dBm
–20dBm
–25dBm
–30dBm
Figure 46. Differential VENV± Output Voltage vs. Output Current for Different
RF Input Power Levels
1
10
70
INPUT FREQUENCY (GHz)
10
0.001
0.01
0.1
1
+15dBm
+10dBm
+5dBm
0dBm
–5dBm
–10dBm
–15dBm
–20dBm
–25dBm
–30dBm
Figure 47. Differential VENV± Output Voltage vs. Input Frequency at
Different RF Input Power Levels
CH1 50.0mV
CH3 50.0mV
CH2 50.0mV
M20.0ns/div
A CH2
2.0mV
T
20.0GS/s IT 25.0ps/pt
1
2
3
T
CH2 SCALE: 50.0mV
CH2 POSITION: –2.48div
VENV+
RF INPUT
VENV–
Figure 48. AM Response on VENV± Outputs, Carrier = 4 GHz, Envelope = 20 MHz
CH1 100mV
CH3 100mV
CH2 100mV
M2.5ns/DIV
A CH2
2.0mV
T
20.0GS/s IT 2.5ps/pt
1
2
3
T
CH2 SCALE: 100.0mV
CH2 POSITION: –3.08DIV
VENV+
RF INPUT
VENV–
Figure 49. Pulse Response on VENV± Outputs, Carrier = 5.8 GHz
0
3.0
2.5
2.0
1.5
1.0
0.5
VOCM (V)
VENV+
VENV–
(VENV+) + (VENV–)/2
3.0
0
0.5
2.0
1.5
1.0
2.5
Figure 50. VENV± Output vs. VOCM, No RF Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com